データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SP8803/A/DG データシート(PDF) 3 Page - Zarlink Semiconductor Inc

部品番号 SP8803/A/DG
部品情報  3.3GHZ 첨 32 Fixed Modulus Divider
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ZARLINK [Zarlink Semiconductor Inc]
ホームページ  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SP8803/A/DG データシート(HTML) 3 Page - Zarlink Semiconductor Inc

  SP8803/A/DG Datasheet HTML 1Page - Zarlink Semiconductor Inc SP8803/A/DG Datasheet HTML 2Page - Zarlink Semiconductor Inc SP8803/A/DG Datasheet HTML 3Page - Zarlink Semiconductor Inc SP8803/A/DG Datasheet HTML 4Page - Zarlink Semiconductor Inc SP8803/A/DG Datasheet HTML 5Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2
SP8803
Electrical Characteristics
Guaranteed over the temperature range T
amb -55°C to +125°C (see note) and supply voltage range 4.75V
to 5.25V. Tested at T
amb = -55°C and +125°C, VCC = 4.75V and 5.25V.
Supply current
Input sensitivity
0.65GHz to 2.8GHz
3.3GHz
Input impedance
(series equivalent)
Output Voltage with f
in = 650MHz
Output Voltage with f
in = 3GHz
1
2, 3
2, 3
6, 7
6, 7
50
2
1
.09
1.03
mV
mV
Ω
pF
90
V
CC = 5V
RMS sinewave
measured in 50 ohm system.
See Figs. 3 & 4
V
CC = 5V
V
CC = 5V load as Fig. 4
Pin
Characteristic
Conditions
Min
Typ
Max
Units
Value
NOTE: Devices must be used with a suitable heatsink to maintain chip temperature below 175
°C when
operating at T
amb>105°C.
500
400
300
200
100
VIN (mV RMS
INTO 50 OHMS)
1
2
3
4
;;;
;;;
FREQUENCY (GHz)
Tested as
specified in Table
of electrical
characteristics
*
GUARANTEED*
OPERATING
WINDOW
Figure 3 Typical input sensitivity
DG8
Figure 2 Pin connections
NC
GND
INPUT
OUTPUT
INPUT
OUTPUT
VCC
5
6
7
8NC
4
3
2
1
0.815
175
400
1.36
78
mA
V
p-p
V
p-p



Html Pages

1 2 3 4 5