| データシートサーチシステム |
|
STM32F405RG データシート(PDF) 56 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F405RG データシート(HTML) 56 Page - STMicroelectronics |
|
56 / 203 page ![]() Pinouts and pin description STM32F405xx, STM32F407xx 56/203 DS8626 Rev 9 - - - - C14 133 PI2 I/O FT - TIM8_CH4 /SPI2_MISO / DCMI_D9 / I2S2ext_SD/ EVENTOUT - - - - - C13 134 PI3 I/O FT TIM8_ETR / SPI2_MOSI / I2S2_SD / DCMI_D10/ EVENTOUT - - - - - D9 135 VSS S- - - - - - - - C9 136 VDD S- - - - 49 A2 76 109 A14 137 PA14 (JTCK/SWCLK) I/O FT - JTCK-SWCLK/ EVENTOUT - 50 B3 77 110 A13 138 PA15 (JTDI) I/O FT - JTDI/ SPI3_NSS/ I2S3_WS/TIM2_CH1_ETR / SPI1_NSS / EVENTOUT - 51 D5 78 111 B14 139 PC10 I/O FT - SPI3_SCK / I2S3_CK/ UART4_TX/SDIO_D2 / DCMI_D8 / USART3_TX/ EVENTOUT - 52 C4 79 112 B13 140 PC11 I/O FT - UART4_RX/ SPI3_MISO / SDIO_D3 / DCMI_D4/USART3_RX / I2S3ext_SD/ EVENTOUT - 53 A3 80 113 A12 141 PC12 I/O FT - UART5_TX/SDIO_CK / DCMI_D9 / SPI3_MOSI /I2S3_SD / USART3_CK/ EVENTOUT - - D6 81 114 B12 142 PD0 I/O FT - FSMC_D2/CAN1_RX/ EVENTOUT - - C5 82 115 C12 143 PD1 I/O FT - FSMC_D3 / CAN1_TX/ EVENTOUT - 54 B4 83 116 D12 144 PD2 I/O FT - TIM3_ETR/UART5_RX/ SDIO_CMD / DCMI_D11/ EVENTOUT - - - 84 117 D11 145 PD3 I/O FT - FSMC_CLK/ USART2_CTS/ EVENTOUT - Table 7. STM32F40xxx pin and ball definitions(1) (continued) Pin number Pin name (function after reset)(2) Alternate functions Additional functions |