| データシートサーチシステム |
|
STM32F405VG データシート(PDF) 57 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F405VG データシート(HTML) 57 Page - STMicroelectronics |
|
57 / 203 page ![]() DS8626 Rev 9 57/203 STM32F405xx, STM32F407xx Pinouts and pin description - A4 85 118 D10 146 PD4 I/O FT - FSMC_NOE/ USART2_RTS/ EVENTOUT - - C6 86 119 C11 147 PD5 I/O FT - FSMC_NWE/USART2_TX/ EVENTOUT - - - - 120 D8 148 VSS S- - - - - - - 121 C8 149 VDD S- - - - - B5 87 122 B11 150 PD6 I/O FT - FSMC_NWAIT/ USART2_RX/ EVENTOUT - - A5 88 123 A11 151 PD7 I/O FT - USART2_CK/FSMC_NE1/ FSMC_NCE2/ EVENTOUT - - - - 124 C10 152 PG9 I/O FT - USART6_RX / FSMC_NE2/FSMC_NCE3/ EVENTOUT - - - - 125 B10 153 PG10 I/O FT - FSMC_NCE4_1/ FSMC_NE3/ EVENTOUT - - - - 126 B9 154 PG11 I/O FT - FSMC_NCE4_2 / ETH_MII_TX_EN/ ETH _RMII_TX_EN/ EVENTOUT - - - - 127 B8 155 PG12 I/O FT - FSMC_NE4 / USART6_RTS/ EVENTOUT - - - - 128 A8 156 PG13 I/O FT - FSMC_A24 / USART6_CTS /ETH_MII_TXD0/ ETH_RMII_TXD0/ EVENTOUT - - - - 129 A7 157 PG14 I/O FT - FSMC_A25 / USART6_TX /ETH_MII_TXD1/ ETH_RMII_TXD1/ EVENTOUT - - E8 - 130 D7 158 VSS S- - - - - F7 - 131 C7 159 VDD S- - - - - - - 132 B7 160 PG15 I/O FT - USART6_CTS / DCMI_D13/ EVENTOUT - Table 7. STM32F40xxx pin and ball definitions(1) (continued) Pin number Pin name (function after reset)(2) Alternate functions Additional functions |