| データシートサーチシステム |
|
STM32F407IG データシート(PDF) 52 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F407IG データシート(HTML) 52 Page - STMicroelectronics |
|
52 / 203 page ![]() Pinouts and pin description STM32F405xx, STM32F407xx 52/203 DS8626 Rev 9 29 H4 47 69 R12 79 PB10 I/O FT - SPI2_SCK / I2S2_CK / I2C2_SCL/ USART3_TX / OTG_HS_ULPI_D3 / ETH_MII_RX_ER / TIM2_CH3/ EVENTOUT - 30 J4 48 70 R13 80 PB11 I/O FT - I2C2_SDA/USART3_RX/ OTG_HS_ULPI_D4 / ETH_RMII_TX_EN/ ETH_MII_TX_EN / TIM2_CH4/ EVENTOUT - 31 F4 49 71 M10 81 VCAP_1 S- - - 32 - 50 72 N10 82 VDD S- - - - - - - M11 83 PH6 I/O FT - I2C2_SMBA / TIM12_CH1 / ETH_MII_RXD2/ EVENTOUT - - - - - N12 84 PH7 I/O FT - I2C3_SCL / ETH_MII_RXD3/ EVENTOUT - - - - - M12 85 PH8 I/O FT - I2C3_SDA / DCMI_HSYNC/ EVENTOUT - - - - - M13 86 PH9 I/O FT - I2C3_SMBA / TIM12_CH2/ DCMI_D0/ EVENTOUT - - - - - L13 87 PH10 I/O FT - TIM5_CH1 / DCMI_D1/ EVENTOUT - - - - - L12 88 PH11 I/O FT - TIM5_CH2 / DCMI_D2/ EVENTOUT - - - - - K12 89 PH12 I/O FT - TIM5_CH3 / DCMI_D3/ EVENTOUT - -- - - H12 90 VSS S- - - - -- - - J12 91 VDD S- - - - Table 7. STM32F40xxx pin and ball definitions(1) (continued) Pin number Pin name (function after reset)(2) Alternate functions Additional functions |