データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F407IGH6TR データシート(PDF) 53 Page - STMicroelectronics

部品番号 STM32F407IGH6TR
部品情報  Arm® Cortex®-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F407IGH6TR データシート(HTML) 53 Page - STMicroelectronics

Back Button STM32F407IGH6TR Datasheet HTML 49Page - STMicroelectronics STM32F407IGH6TR Datasheet HTML 50Page - STMicroelectronics STM32F407IGH6TR Datasheet HTML 51Page - STMicroelectronics STM32F407IGH6TR Datasheet HTML 52Page - STMicroelectronics STM32F407IGH6TR Datasheet HTML 53Page - STMicroelectronics STM32F407IGH6TR Datasheet HTML 54Page - STMicroelectronics STM32F407IGH6TR Datasheet HTML 55Page - STMicroelectronics STM32F407IGH6TR Datasheet HTML 56Page - STMicroelectronics STM32F407IGH6TR Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 203 page
background image
DS8626 Rev 9
53/203
STM32F405xx, STM32F407xx
Pinouts and pin description
33
J3
51 73 P12
92
PB12
I/O
FT
-
SPI2_NSS / I2S2_WS /
I2C2_SMBA/
USART3_CK/ TIM1_BKIN /
CAN2_RX /
OTG_HS_ULPI_D5/
ETH_RMII_TXD0 /
ETH_MII_TXD0/
OTG_HS_ID/ EVENTOUT
-
34
J1
52 74 P13
93
PB13
I/O
FT
-
SPI2_SCK / I2S2_CK /
USART3_CTS/
TIM1_CH1N /CAN2_TX /
OTG_HS_ULPI_D6 /
ETH_RMII_TXD1 /
ETH_MII_TXD1/
EVENTOUT
OTG_HS_VBUS
35
J2
53 75 R14 94
PB14
I/O
FT
-
SPI2_MISO/ TIM1_CH2N /
TIM12_CH1 /
OTG_HS_DM/
USART3_RTS /
TIM8_CH2N/I2S2ext_SD/
EVENTOUT
-
36 H1 54 76 R15 95
PB15
I/O
FT
-
SPI2_MOSI / I2S2_SD/
TIM1_CH3N / TIM8_CH3N
/ TIM12_CH2 /
OTG_HS_DP/ EVENTOUT
RTC_REFIN
-
H2 55 77 P15
96
PD8
I/O
FT
-
FSMC_D13 / USART3_TX/
EVENTOUT
-
-
H3 56 78 P14
97
PD9
I/O
FT
-
FSMC_D14 / USART3_RX/
EVENTOUT
-
-
G3 57 79 N15 98
PD10
I/O
FT
-
FSMC_D15 / USART3_CK/
EVENTOUT
-
-
G15880 N14 99
PD11
I/O
FT
-
FSMC_CLE /
FSMC_A16/USART3_CTS/
EVENTOUT
-
-
G2 59 81 N13 100
PD12
I/O
FT
-
FSMC_ALE/
FSMC_A17/TIM4_CH1 /
USART3_RTS/
EVENTOUT
-
Table 7. STM32F40xxx pin and ball definitions(1) (continued)
Pin number
Pin name
(function after
reset)(2)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More