| データシートサーチシステム |
|
250R120-R1 データシート(PDF) 5 Page - Littelfuse |
|
|
|||||||||||||||||||||||||||||
250R120-R1 データシート(HTML) 5 Page - Littelfuse |
|
5 / 6 page ![]() www.littelfuse.com ©2006 Littelfuse 250R Series Specifications are subject to change without notice. 5 Electronics Designers Guide POLYFUSE® Resettable PTCs Radial Leaded Part Marking System B B C A A Figure 1 E D C E Marking Marking Figure 2 D F F 250 080 XXXX Voltage Rating Current Rating Date Code (Contact Littelfuse for additional information) Littelfuse Trademark Voltage Rating Current Rating Date Code (Contact Littelfuse for additional information) Littelfuse Trademark 250 120 XXXX Dimensions B B C A A Figure 1 E D C E Marking Marking Figure 2 D F F 250 080 XXXX Voltage Rating Current Rating Date Code (Contact Littelfuse for additional information) Littelfuse Trademark Voltage Rating Current Rating Date Code (Contact Littelfuse for additional information) Littelfuse Trademark 250 120 XXXX Figure 2 Figure Part Number A B C D E Physical Characteristics Inches mm Inches mm Inches mm Inches mm Inches mm Lead (dia) Material Figure Max. Max. Max. Max. Max. Max. Min. Min. Typ. Typ. Inches mm 250R080 0.23 5.8 0.39 9.9 0.18 4.6 0.19 4.7 0.20 5.1 0.026 0.65 Sn/Cu 1 250R080T 0.23 5.8 0.39 9.9 0.18 4.6 0.19 4.7 0.20 5.1 0.026 0.65 Sn/Cu 1 250R120 0.26 6.5 0.43 11 0.15 3.8 0.19 4.7 0.20 5.1 0.026 0.65 Sn/Cu 2 250R120-RA 0.26 6.5 0.43 11 0.18 4.6 0.19 4.7 0.20 5.1 0.026 0.65 Sn/Cu 2 250R120-RC 0.26 6.5 0.43 11 0.18 4.6 0.19 4.7 0.20 5.1 0.026 0.65 Sn/Cu 2 250R120-RF 0.26 6.5 0.43 11 0.18 4.6 0.19 4.7 0.20 5.1 0.026 0.65 Sn/Cu 2 250R120-R1 0.26 6.5 0.43 11 0.18 4.6 0.19 4.7 0.20 5.1 0.026 0.65 Sn/Cu 2 250R120-R2 0.26 6.5 0.43 11 0.18 4.6 0.19 4.7 0.20 5.1 0.026 0.65 Sn/Cu 2 250R120-R3 0.26 6.5 0.43 11 0.18 4.6 0.19 4.7 0.20 5.1 0.026 0.65 Sn/Cu 2 250R120T 0.26 6.5 0.43 11 0.18 4.6 0.19 4.7 0.20 5.1 0.026 0.65 Sn/Cu 2 250R145 0.26 6.5 0.43 11 0.18 4.6 0.19 4.7 0.20 5.1 0.026 0.65 Sn/Cu 2 250R145-RA 0.26 6.5 0.43 11 0.18 4.6 0.19 4.7 0.20 5.1 0.026 0.65 Sn/Cu 2 250R145-RB 0.26 6.5 0.43 11 0.18 4.6 0.19 4.7 0.20 5.1 0.026 0.65 Sn/Cu 2 250R145T 0.26 6.5 0.43 11 0.18 4.6 0.19 4.7 0.20 5.1 0.026 0.65 Sn/Cu 2 250R180 0.37 9.5 0.47 12 0.18 4.6 0.19 4.7 0.20 5.1 0.026 0.65 Sn/Cu 1 250F180T 0.37 9.5 0.47 12 0.18 4.6 0.19 4.7 0.20 5.1 0.026 0.65 Sn/Cu 1 |