| データシートサーチシステム |
|
77-059 データシート(PDF) 45 Page - Laird Tech Smart Technology |
|
|
|||||||||||||||||||||||||||||
77-059 データシート(HTML) 45 Page - Laird Tech Smart Technology |
|
45 / 64 page ![]() FINGERSTOCK GASKETS AND METAL GROUNDING PRODUCTS CONTACT RINGS 2.32 www.lairdtech.com All dimensions shown are in inches (millimeters) unless otherwise specified. The large variety of sizes and shapes of contact rings offers engineers a wide choice in meeting design requirements for microwave cavities, tuning, shielding and grounding applications. Rings are made from strip stock formed into an unclosed circle which, when assembled, becomes a complete ring. These rings are furnished in any diameter, greater than the minimum shown in the chart below, and must contain an integral number of fingers. Most configurations are available with Contips ®, described in the preceding section. Available in standard finishes, see page 1-11. 97-76 97-422 TO 424 97-381 97-361 97-216 97-420 97-252 TO 255 0.030 R. (0.762) 0.010-0.020 R. (0.254-0.508) 0.060 R. (1.524) 0.030 R. (0.762) 0.190 R. (4.826) 0.020 R. (0.508) 0.030 R. (0.762) 0.030 R. (0.762) 0.090 R. (2.286) 0.090 R. (2.286) 0.170 R. (4.318) 0.140 R. (3.556) 0.050 R . (1.270) 0.150 R. (3.810) Pitch Slot B O.D. 0.060 (1.524) 0.030 (0.762) 0.050 (1.270) Spher. R. 0.080 (2.032) Spher. R. 0.050 (1.270) Spher. R. 0.005 (0.127) 0.130 (3.302) 0.500 (12.700) 0.008 (0.203) 0.150 (3.810) 0.130 (3.302) 0.280 (7.112) 0.030 (0.762) 0.090 (2.286) 0.110 (2.794) 0.160 (4.064) 0.440 (11.176) 0.200 (5.080) 0.010 (0.254) 0.780 (19.812) 0.310 (7.874) 0.010 (0.254) 0.090 (2.286) 0.050 (1.270) 0.660 (16.764) 0.300 (7.620) 0.340 (8.636) 0.004 (0.102) 0.080 (2.032) 0.080 (2.032) 0.018 (0.457) 0.280 (7.112) 0.090 (2.286) 0.090 (2.286) 0.410 (10.414) 0.080 (2.032) 0.100 (2.540) 0.014 (0.356) 0.280 (7.112) 0.430 (10.922) 0.040 (1.016) 0.270 (6.858) 0.030 (0.762) 0.090 (2.286) 0.090 (2.286) 0.190 (4.826) 0.004 (0.102) 0.000 -0.030 (0.000-0.762) 0.050 (1.270) 0.270 (6.858) 0.180 (4.572) 0.090 (2.286) CONTIPS AVAILABLE 0.010 (0.254) 0.006 (0.153) 0.130 (3.302) FEMALE RINGS SERIES PITCH SLOT OD ~~ REC. B MADE SMALL # OF PIN FROM DIA. FROM FINGERS DIAMETER STRIP STRIP 97-070 0.135 0.040 1.219 28 0.980 0.234 97-135 0.570 (3.429) (1.016) (30.963) — (24.892) (5.944) (14.478) 97-072 0.135 0.040 1.000 23 0.790 0.234 97-135 0.570 (3.429) (1.016) (25.400) — (20.066) (5.944) (14.478) 97-074 0.135 0.040 0.875 20 0.672 0.234 97-135 0.570 (3.429) (1,016) (22.225) — (17.069) (5.944) (14.478) 97-076 0.163 0.020 0.640 12 0.340 0.250 97-340 0.640 (4.140) (0.508) (16.256) — (8.636) (6.350) (16.256) 97-140 0.075 0.025 0.290 12 0.250 0.220 97-134 0.200 (1.905) (0.635) (7.366) — (6.350) (5.588) (5.080) 97-141 0.075 0.025 0.440 18 0.380 0.220 97-134 0.200 (1.905) (0.635) (11.176) — (9.652) (5.588) (5.080) 97-142 0.075 0.025 0.550 23 0.500 0.220 97-134 0.200 (1.905) (0.635) (13.970) — (12.700) (5.588) (5.080) 97-143 0.075 0.025 0.800 33 0.750 0.220 97-134 0.200 (1.905) (0.635) (20.320) — (19.050) (5.588) (5.080) 97-185 0.075 0.025 0.560 23 0.500 0.060 97-136 0.200 (1.905) (0.635) (14.224) — (12.700) (1.524) (5.080) 97-204 0.094 0.031 1.040 34 1.000 0.310 97-137 0.460 (2.388) (0.787) (26.416) — (25.400) (7.874) (11.684) 97-216 0.094 0.031 1.240 41 1.000 0.300 97-139 0.940 (2.388) (0.787) (31.496) — (25.400) (7.620) (23.876) 97-232 0.060 0.020 0.540 28 0.500 0.130 97-233 0.160 (1.524) (0.508) (13.716) — (12.700) (3.302) (4.064) 97-252 0.127 0.050 1.250 31 1.090 0.090 97-251 0.450 (3.226) (1.270) (31.750) — (27.686) (2.286) (11.430) 97-254 0.127 0.050 0.910 22 0.740 0.090 97-251 0.450 (3.226) (1.270) (23.114) — (18.796) (2.286) (11.430) 97-255 0.127 0.050 0.650 16 0.480 0.090 97-251 0.450 (3.226) (1.270) (16.510) — (12.192) (2.286) (11.430) 97-361 0.075 0.025 1.010 42 0.840 0.220 97-360 0.610 (1.905) (0.635) (25.654) - (21.336) (5.588) (15.494) 97-381 0.060 0.020 1.210 63 1.060 0.130 97-380 0.460 (1.524) (0.508) (30.734) — (26.924) (3.302) (11.684) 97-420 0.190 0.075 0.500 8 0.320 0.060 N/A 0.500 (4.826) (1.905) (12.700) — (8.128) (1.524) (12.700) 97-421 0.100 0.050 0.500 15 0.370 0.070 N/A 0.440 (2.540) (1.270) (12.700) — (9.398) (1.778) (11.176) 97-422 0.154 0.059 0.600 12 0.370 0.250 N/A 0.550 (3.912) (1.499) (15.240) — (9.398) (6.350) (13.970) 97-423 0.154 0.059 0.780 15 0.540 0.250 N/A 0.550 (3.912) (1.499) (19.812) — (13.716) (6.350) (13.970) 97-424 0.135 0.040 1.050 24 0.810 0.230 N/A 0.870 (3.429) (1.016) (26.670) — (20.574) (5.842) (22.098) FEMALE RINGS 97-204 97-232 97-421 97-070, 072, 074 0.220 R. (5.588) 0.010 (0.254) 0.187 (4.750) 0.281 (7.137) 0.031 (0.787) 0.130 (3.302) 0.027R (0.686) LT-3034 Metals_catalog 10/8/04 10:31 AM Page 2.32 |