データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

97-252 データシート(PDF) 42 Page - Laird Tech Smart Technology

部品番号 97-252
部品情報  BERYLLIUM COPPER SOLUTIONS AND BEYOND.
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LSTD [Laird Tech Smart Technology]
ホームページ  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

97-252 データシート(HTML) 42 Page - Laird Tech Smart Technology

Back Button 97-252 Datasheet HTML 38Page - Laird Tech Smart Technology 97-252 Datasheet HTML 39Page - Laird Tech Smart Technology 97-252 Datasheet HTML 40Page - Laird Tech Smart Technology 97-252 Datasheet HTML 41Page - Laird Tech Smart Technology 97-252 Datasheet HTML 42Page - Laird Tech Smart Technology 97-252 Datasheet HTML 43Page - Laird Tech Smart Technology 97-252 Datasheet HTML 44Page - Laird Tech Smart Technology 97-252 Datasheet HTML 45Page - Laird Tech Smart Technology 97-252 Datasheet HTML 46Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 64 page
background image
FINGERSTOCK GASKETS AND METAL GROUNDING PRODUCTS
CONTACT STRIPS
2.29
www.lairdtech.com
All dimensions shown are in inches (millimeters) unless otherwise specified.
97-221
97-251
97-340
97-390
97-135
97-310
Pitch
L
B
Slot
0.020 R.
(0.508)
Inside
0.040 R.
(1.016)
0.004
(0.102)
0.060
(1.524)
0.130
(3.302)
0.030
(0.762)
0.060
(1.524)
0.090
(2.286)
0.130
(3.302)
0.280
(7.112)
0.130 R.
(3.302)
0.060 R.
(1.524)
0.480
(12.192)
0.005
(0.127)
0.006
(0.152)
0.030 R.
(0.762)
0.010-0.030 R.
(0.254-0.762)
0.070
(1.778)
Pitch
Slot
L
B
0.030 R.
(0.762)
0.190 R.
(4.826)
0.030R.
(0.762)
0.190 R.
(4.826)
0.280
(7.112)
0.010
(0.254)
0.090
(2.286)
0.280
(7.112)
0.130
(3.302)
0.010
(0.254)
0.130
(3.302)
0.030
(0.762)
Max
0.200
(5.080)
0.270
(6.858)
0.500
(12.700)
0.060 R.
(1.524)
0.008
(0.203)
0.250
(6.350)
0.050
(1.270)
0.180
(4.572)
0.030
(0.762)
0.130
(3.302)
M
FIGURE D
FIGURE E
^ Not available with
Contips
®
^ Not available with
Contips
97-313
0.420
(10.668)
R 0.063
(1.600)
0.180
(4.572)
0.017
(0.432)
0.409
(10.388)
0.250
(6.350)
0.080
(2.032)
R 0.167
(4.242)
SERIES
FIG.
PITCH
SLOT
B
APPROX.
APPROX. NO.
LENGTH (L)
OF FINGERS
97-105
B
0.187
0.047
—
16.000
86
(4.750)
(1.194)
—
(406.400)
97-110
C
0.187
0.047
0.590
16.000
86
(4.750)
(1.194)
(14.986)
(406.400)
97-111
C
0.187
0.047
0.630
16.000
86
(4.750)
(1.194)
(16.002)
(406.400)
97-112
C
0.187
0.047
0.570
16.000
86
(4.750)
(1.194)
(14.478)
(406.400)
97-113
C
0.187
0.047
0.630
16.000
86
(4.750)
(1.194)
(16.002)
(406.400)
97-114
C
0.187
0.047
0.650
16.000
86
(4.750)
(1.194)
(16.510)
(406.400)
97-115
B
0.187
0.047
—
16.000
86
(4.750)
(1.194)
—
(406.400)
97-116
C
0.187
0.047
0.630
16.000
86
(4.750)
(1.194)
(16.002)
(406.400)
FLAT STRIP
SERIES
FIG.
PITCH
SLOT
B
APPROX.
APPROX. NO.
LENGTH (L)
OF FINGERS
97-117
A
0.187
0.047
—
16.000
86
(4.750)
(1.194)
—
(406.400)
97-135
E
0.135
0.040
0.230
16.000
119
(3.429)
(1.016)
(5.842)
(406.400)
97-221
D
0.060
0.020
0.090
12.000
200
(1.524)
(0.508)
(2.286)
(304.800)
97-251
D
0.127
0.050
0.090
12.000
95
(3.226)
(1.270)
(2.286)
(304.800)
97-300
A
0.165
0.040
0.190
16.000
97
(4.191)
(1.016)
(4.826)
(406.400)
97-310
D
0.187
0.062
0.380
15.000
86
(4.750)
(1.575)
(9.652)
(381.000)
97-313
E
0.187
0.062
0.295
16.000
86
(4.750)
(1.575)
(7.493)
(406.400)
97-340
E
0.163
0.020
0.250
16.000
98
(4.140)
(0.508)
(6.350)
(406.400)
97-390
E
0.134
0.040
0.230
16.000
119
(3.404)
(1.016)
(5.842)
(406.400)
LT-3034 Metals_catalog
10/8/04
10:31 AM
Page 2.29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64