| データシートサーチシステム |
|
CC2550-RTR1 データシート(PDF) 35 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CC2550-RTR1 データシート(HTML) 35 Page - Texas Instruments |
|
35 / 55 page ![]() CC2550 PRELIMINARY Data Sheet (Rev.1.2) SWRS039A Page 35 of 54 Address Strobe Name Description 0x30 SRES Reset chip. 0x31 SFSTXON Enable and calibrate frequency synthesizer (if MCSM0.FS_AUTOCAL=1). 0x32 SXOFF Turn off crystal oscillator. 0x33 SCAL Calibrate frequency synthesizer and turn it off (enables quick start). SCAL can be strobed in IDLE state without setting manual calibration mode (MCSM0.FS_AUTOCAL=0). 0x35 STX Enable TX. Perform calibration first if MCSM0.FS_AUTOCAL=1. 0x36 SIDLE Exit TX and turn off frequency synthesizer. 0x39 SPWD Enter power down mode when CSn goes high. 0x3B SFTX Flush the TX FIFO buffer. 0x3D SNOP No operation. May be used to pad strobe commands to two bytes for simpler software. Table 23: Command strobes |