| データシートサーチシステム |
|
COPPERCATALOG データシート(PDF) 8 Page - Amphenol Aerospace Operations |
|
|
|||||||||||||||||||||||||||||
COPPERCATALOG データシート(HTML) 8 Page - Amphenol Aerospace Operations |
|
8 / 56 page ![]() Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com 219 Amphenol Aerospace II Dualok III SJT 38999 I PCB Accessories Aquacon HD Herm/Seal Fiber Optics Contacts Connectors Cables HigH Speed Use the Cable Usage Guide on pages 219-222 as follows: 1 Locate the cable you are using in Cable Type column For cables not listed consult Amphenol Aerospace 2 Refer to the Amphenol Connector section which features contacts/adapters for this cable Connector size, performance features and insert pattern availability may influence your choice 3 Order your connector and contacts or transition adapters by following the procedure given in the section for the connector series selected These instructions are supplemented by the Amphenol Catalog Section covering the basic connector Cable Type Nominal Impedance (ohms) Draka Fileca F-4703-3 100 F-4703-4 F-4704-5 F-47-4-6 Filotex ET2PC236 ET2PF870 PIC Wire E50424 E50426 E51424 Tensolite NF22Q100 NF24Q100 NF24Q100-1 NF24Q100-01-200C NF26Q100 NF26Q100-1 NF26-2Q100 24443/03130X-4(LD) 24443/03166X-4(LD) 24443/9P025X-4(LD) 23450/04090X-4 (LD) 24443/C20714X-4(LD) Gore RCN7688 RCN8513 RCN8672 S280W502-4 JSF-18-3 Themax 956-4TN 956-5 T956-4T200 MX100Q-24 Tensolite 24450/03089X-4(LD) 110 Gore RCN8487 JSFY02-1 JSF18 Tensolite 26473/02006X-4(LD) 150 Gore RCN8328 Quadrax Contacts CABLE USAGE GUIDE D38999 Series III* Connectors Quadrax Transition Adapters CABLE USAGE GUIDE D38999 Series III* Connectors or ARINC 600 Connectors Differential Twinax Contacts CABLE USAGE GUIDE D38999 Series III* Connectors Differential Twinax Transition Adapters CABLE USAGE GUIDE D38999 Series III* Connectors or ARINC 600 Connectors * Requires modified connector to accommodate keyed contacts Cable Type Nominal Impedance (ohms) Tensolite 26463/70460X-2 98 ST5M1284-003 Draka Fileca 2709-3 100 PIC Wire E10224 Tensolite NF24T100-200C Space 23460/05114X-2(LD) 24463/03220T-2(LD) 24463/05099X-8(LD) 26453/03184X-2(LD) 24463/9P025X-2(LD) Raychem 0026A0024, 0024G0024 S280W502-6 JSFY11-24 Gore GSC-05-827300-00 Thermax 956-6262, 956-1T200 12814 MX 100-24 Tensolite 26483/03071X-2(LD) 150 Cable Type Nominal Impedance (ohms) Draka Fileca F-4703-3 100 F-4704-4 Tensolite NF22Q100 NF22Q100-01 NF24Q100 NF26Q100 Thermax 956-5 Gore GSC-10-8273900 Tensolite 26473/02006X-4(LD) 150 Cable Type Nominal Impedance (ohms) M17/176-00002 78 Tensolite 224463/9P025X-2 100 24463/9P025X-2(LD) Tensolite 26483/03071X-2 150 Cable Usage Guide |