データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN56016 データシート(PDF) 3 Page - SONiX Technology Company

部品番号 SN56016
部品情報  4-Channel Speech Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SONIX [SONiX Technology Company]
ホームページ  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN56016 データシート(HTML) 3 Page - SONiX Technology Company

  SN56016 Datasheet HTML 1Page - SONiX Technology Company SN56016 Datasheet HTML 2Page - SONiX Technology Company SN56016 Datasheet HTML 3Page - SONiX Technology Company SN56016 Datasheet HTML 4Page - SONiX Technology Company SN56016 Datasheet HTML 5Page - SONiX Technology Company SN56016 Datasheet HTML 6Page - SONiX Technology Company SN56016 Datasheet HTML 7Page - SONiX Technology Company SN56016 Datasheet HTML 8Page - SONiX Technology Company SN56016 Datasheet HTML 9Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
SN56016
4-Channel Speech Controller
1.
INTRODUCTION
SN56016 is a 16 seconds single chip 4-channel voice synthesizer IC which contains
I/O pins and a tiny controller. By programming through the tiny controller, users’
applications including section combination, trigger modes, output status, high
performance melody, multiple voices, and other logic functions can be implemented.
2.
FEATURES
Single power supply 2.4V – 5.5V
Built in a tiny controller
16 seconds voice capacity are provided
128*4 bits RAM are provided
ROM Size
Maximum 52K*10 bits ROM size
52K program ROM is provided
Readable ROM code data
I/O Ports
Four 4-bit I/O ports P1, P2, P3, P6
The driving/sink current of P3.2 & P3.3 are 8mA/16mA
The IO pins P3.3 can be modulated with 38.5Khz carry signal to implement
IR function.
Built in a high quality speech synthesizer
Four independent voice channels
Adaptive playing speed from 4k-40kHz is provided for all 4 channels individually
Automatic repetition for every channel
A 6-bit*8-bit Multiplier is embed to modulate the volume of synthesized voices
Two digital mixers (with saturation control) are provided
Built in an 8-level volume control Analog Push-Pull Direct Drive circuit.
System clock: 2M Hz (RC-type or Crystal Option)
Low Voltage Reset
Built-in WDT function
Built-in Event Mark Function
Ver: 1.0
March 2,2005
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com