| データシートサーチシステム |
|
SIM800C データシート(PDF) 39 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800C データシート(HTML) 39 Page - SIMCom |
|
39 / 52 page ![]() Smart Machine Smart Decision SIM800C_Hardware_Design_V1.02 39 2015-4-27 5. PCB Layout This section will give some guidelines on PCB layout, in order to eliminate interfere or noise. 5.1 Pin Assignment Before PCB layout, we should learn about pin assignment in order to get reasonable layout with so many external components. Following figure is the overview of pin assignment of the module. UART1_DTR USB_DP VBAT VBAT ADC UART1_RXD PWRKEY UART1_CTS UART1_TXD UART1_RTS UART1_DCD NETLIGHT SIM_RST SIM_CLK SIM_DET SIM_DATA BT_ANT UART2_TXD SPKP VRTC MICP MICN USB_VBUS USB_DM GSM_ANT STATUS SIM_VDD UART2_RXD GND 13 SPKN UART1_RI 14 15 16 21 17 18 19 20 22 23 24 25 26 27 28 29 30 31 32 33 37 36 35 34 1 42 41 40 39 38 5 4 2 3 6 11 10 9 8 7 12 VDD_EXT GND GND GND GND GND GND GND UART1_DTR RF_SYNC GND GND SIM800C TOP VIEW VBAT UART AUDIO SIM CART USB ANTANA GND OTHERS Figure 39: Pin assignment 5.2 Principle of PCB Layout During layout, attention should be paid to the following interfaces, like Antenna, power supply, SIM card interface, audio interface, and so on. |