データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SIM800H データシート(PDF) 72 Page - SIMCom

部品番号 SIM800H
部品情報  Hardware Design_V2.02
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SIMCOM [SIMCom]
ホームページ  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800H データシート(HTML) 72 Page - SIMCom

Back Button SIM800H Datasheet HTML 65Page - SIMCom SIM800H Datasheet HTML 66Page - SIMCom SIM800H Datasheet HTML 67Page - SIMCom SIM800H Datasheet HTML 68Page - SIMCom SIM800H Datasheet HTML 69Page - SIMCom SIM800H Datasheet HTML 70Page - SIMCom SIM800H Datasheet HTML 71Page - SIMCom SIM800H Datasheet HTML 72Page - SIMCom SIM800H Datasheet HTML 73Page - SIMCom  
Zoom Inzoom in Zoom Outzoom out
 72 / 73 page
background image
Smart Machine Smart Decision
IV. Safety Caution
Table 62: Safety caution
Marks
Requirements
When in a hospital or other health care facility, observe the restrictions about the use of mobiles.
Switch the cellular terminal or mobile off, medical equipment may be sensitive to not operate
normally for RF energy interference.
Switch off the cellular terminal or mobile before boarding an aircraft. Make sure it is switched off.
The operation of wireless appliances in an aircraft is forbidden to prevent interference with
communication systems. Forget to think much of these instructions may lead to the flight safety or
offend against local legal action, or both.
Do not operate the cellular terminal or mobile in the presence of flammable gases or fumes. Switch
off the cellular terminal when you are near petrol stations, fuel depots, chemical plants or where
blasting operations are in progress. Operation of any electrical equipment in potentially explosive
atmospheres can constitute a safety hazard.
Your cellular terminal or mobile receives and transmits radio frequency energy while switched on.
RF interference can occur if it is used close to TV sets, radios, computers or other electric
equipment.
Road safety comes first! Do not use a hand-held cellular terminal or mobile when driving a
vehicle, unless it is securely mounted in a holder for hands free operation. Before making a call
with a hand-held terminal or mobile, park the vehicle.
GSM cellular terminals or mobiles operate over radio frequency signals and cellular networks and
cannot be guaranteed to connect in all conditions, for example no mobile fee or a invalid SIM card.
While you are in this condition and need emergent help, please remember using emergency calls.
In order to make or receive calls, the cellular terminal or mobile must be switched on and in a
service area with adequate cellular signal strength.
Some networks do not allow for emergency call if certain network services or phone features are in
use (e.g. lock functions, fixed dialing etc.). You may have to deactivate those features before you
can make an emergency call.
Also, some networks require that a valid SIM card be properly inserted in the cellular terminal or
mobile.
SIM800H&SIM800L_Hardware Design_V2.02
72
2015-07-27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73