| データシートサーチシステム |
|
M50FW040K5TP データシート(PDF) 33 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M50FW040K5TP データシート(HTML) 33 Page - STMicroelectronics |
|
33 / 53 page ![]() M50FW040 Firmware hub (FWH) interface Configuration Registers 33/53 Table 11. General-Purpose Input Register definition(1) 1. Applies to the General Purpose Inputs Register (FGPI-REG). Bit Bit Name Value Function 7-5 Reserved 4FGPI4 ‘1’ Input Pin FGPI4 is at VIH ‘0’ Input Pin FGPI4 is at VIL 3FGPI3 ‘1’ Input Pin FGPI3 is at VIH ‘0’ Input Pin FGPI3 is at VIL 2FGPI2 ‘1’ Input Pin FGPI2 is at VIH ‘0’ Input Pin FGPI2 is at VIL 1FGPI1 ‘1’ Input Pin FGPI1 is at VIH ‘0’ Input Pin FGPI1 is at VIL 0FGPI0 ‘1’ Input Pin FGPI0 is at VIH ‘0’ Input Pin FGPI0 is at VIL |