| データシートサーチシステム |
|
M50FW040NB5TP データシート(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M50FW040NB5TP データシート(HTML) 29 Page - STMicroelectronics |
|
29 / 53 page ![]() M50FW040 Status Register 29/53 Table 8. Status Register bits Operation Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Program active ‘0’ X(1) 1. For Program operations during Erase Suspend Bit 6 is ‘1’, otherwise Bit 6 is ‘0’. ‘0’ ‘0’ ‘0’ ‘0’ ‘0’ Program suspended ‘1 X(1) ‘0’ ‘0’ ‘0’ ‘1’ ‘0’ Program completed successfully ‘1’ X(1) ‘0’ ‘0’ ‘0’ ‘0’ ‘0’ Program failure due to VPP Error ‘1’ X(1) ‘0’ ‘0’ ‘1’ ‘0’ ‘0’ Program failure due to Block Protection (FWH Interface only) ‘1’ X(1) ‘0’ ‘0’ ‘0’ ‘0’ ‘1’ Program failure due to cell failure ‘1’ X(1) ‘0’ ‘1’ ‘0’ ‘0’ ‘0’ Erase active ‘0’ ‘0’ ‘0’ ‘0’ ‘0’ ‘0’ ‘0’ Erase suspended ‘1’ ‘1’ ‘0’ ‘0’ ‘0’ ‘0’ ‘0’ Erase completed successfully ‘1’ ‘0’ ‘0’ ‘0’ ‘0’ ‘0’ ‘0’ Erase failure due to VPP Error ‘1’ ‘0’ ‘0’ ‘0’ ‘1’ ‘0’ ‘0’ Erase failure due to Block Protection (FWH Interface only) ‘1’ ‘0’ ‘0’ ‘0’ ‘0’ ‘0’ ‘1’ Erase failure due to failed cell(s) in block ‘1’ ‘0’ ‘1’ ‘0’ ‘0’ ‘0’ ‘0’ |