データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FLXR2ATP06 データシート(PDF) 1 Page - Visual Communications Company

部品番号 FLXR2ATP06
部品情報  FLXR Series 0.400” (10.1mm) Ruggedized Flexible Light Pipe
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VCC [Visual Communications Company]
ホームページ  http://vcclite.com
Logo VCC - Visual Communications Company

FLXR2ATP06 データシート(HTML) 1 Page - Visual Communications Company

  FLXR2ATP06 Datasheet HTML 1Page - Visual Communications Company FLXR2ATP06 Datasheet HTML 2Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FLXR Series 0.400” (10.1mm)
Ruggedized Flexible Light Pipe
.400in
10.1mm
SMD 22
THR 22
THR 5 22
MOUNTING HOLE
SIZE
LED CONNECT OPTIONS
(ORDER SEPARATELY)
FOR SMD LED
FOR T-1 LED
FOR T-1 3/4 LED
±.002
±
0.05]
FLXR Series litepipeTMfeatures a robust anodized
aluminum body delivering NEMA 4 protection
Key features
Dimensions
Applications
• aircraft and military
• disinfection and sterilization environments
• electrical control panels
• industrial machinery
• instrument panels
• outdoor signage
• safety applications
• transportation dashboards
• vending and gaming machines
•
designed for harsh and outdoor environments
•
wide viewing angle
•
•
optical core ends polished to ten microns for
optimal light transmittance
•
resistant to shock and vibration
•
ESD protection
•
•
•
for best results use narrow viewing angle non-
diffused LEDs with output greater than 100 mcd
•
REACH and RoHS compliant
TRIM .06 .02
.84
[21.34]
XX ± .40
[XX ± 10.16]
SEE TABLE
.50
[12.7]
.28
[7.14]
.11in
[2.8mm]
MAX
Dimensions in inches [mm]
anti-vandal low profile light pipe
available in black and clear anodized finishes
five different lens colors are available (green, red,
amber, blue and clear)
[15.24 .51]
1
your first call for illuminated components
www.vcclite.com
1.800.522.5546
07/17 Rev 2


同様の部品番号 - FLXR2ATP06

メーカー部品番号データシート部品情報
logo
Visual Communications C...
FLXR2ATP06 VCC-FLXR2ATP06 Datasheet
155Kb / 2P
FLXR Series 0.400” (10.1mm) Ruggedized Flexible Light Pipe
07/17 Rev 2
More results

同様の説明 - FLXR2ATP06

メーカー部品番号データシート部品情報
logo
Kingbright Corporation
KL-07LS KINGBRIGHT-KL-07LS Datasheet
41Kb / 1P
LIGHT PIPE
KL-02 KINGBRIGHT-KL-02 Datasheet
36Kb / 1P
LIGHT PIPE
logo
P-tec Corporation
PB69-LBRB20Z P-TEC-PB69-LBRB20Z Datasheet
35Kb / 1P
10.1mm Square Light Bar
PB69-LBRG13 P-TEC-PB69-LBRG13 Datasheet
34Kb / 1P
10.1mm Square Light Bar
PB69-LBRO12 P-TEC-PB69-LBRO12 Datasheet
35Kb / 1P
10.1mm Square Light Bar
PB69-LBRY01 P-TEC-PB69-LBRY01 Datasheet
34Kb / 1P
10.1mm Square Light Bar
logo
List of Unclassifed Man...
PM4-C1522-XX ETC1-PM4-C1522-XX Datasheet
130Kb / 1P
4MM CIRCULAR LENS FLEXIBLE LIGHT PIPE FLPS1522 INDICATORS
PM4-D2031-XX ETC1-PM4-D2031-XX Datasheet
118Kb / 1P
4MM DOMED LENS FLEXIBLE LIGHT PIPE FLPS2031 INDICATORS
PM4-F2031-XX ETC1-PM4-F2031-XX Datasheet
119Kb / 1P
4MM FLAT LENS FLEXIBLE LIGHT PIPE FLPS2031 INDICATORS
logo
Visual Communications C...
FLXR2CTP12 VCC-FLXR2CTP12 Datasheet
155Kb / 2P
FLXR Series 0.400” (10.1mm) Ruggedized Flexible Light Pipe
07/17 Rev 2
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com