| データシートサーチシステム |
|
11630CKBYST データシート(PDF) 21 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
11630CKBYST データシート(HTML) 21 Page - ITT Industries |
|
21 / 23 page ![]() PART NO. 472900201 MATERIAL Brass; Finish: Nickel plated A SERIES STOP RINGS SWITCH ENCLOSURES TC-2 THRU-BOLT MOUNTING, 1/2-14 NPSM CONDUIT THREAD (Straight Thread) TC-4 THRU-BOLT MOUNTING, 1/2-14 NPT CONDUIT THREAD (Tapered Thread) 638100000 638101000 INNER-W/SHORT TAB OUTER-W/LONG TAB PART NO. One each required for setting stops. M SERIES TC-3 FLANGE MOUNTING, 1/2-14 NPSM CONDUIT THREAD (Straight Thread) TC-5 FLANGE MOUNTING, 1/2-14 NPT CONDUIT THREAD (Tapered Thread) L C&K Hardware L-26 www.ittcannon.com ITT Industries Cannon These enclosures make it easy to install HB and HG Series switches with electrical conduit, electrical tubing or armored cable. The switch is inserted through the open top of the enclosure and is secured by two screws (furnished). The lower section of the enclosure is completely removable and gives free access to the switch terminals. Switches having either the flat base or step base can be used. Switches must be ordered separately. |