| データシートサーチシステム |
|
GV1G09 データシート(PDF) 23 Page - Schneider Electric |
|
|
|||||||||||||||||||||||||||||
GV1G09 データシート(HTML) 23 Page - Schneider Electric |
|
23 / 48 page ![]() Combinations Variable speed drives Altivar Machine ATV320 Combinations of options for Altivar 320 drives Combinations of options for Altivar 320 drives Motor Drive Accessories Options kW HP Bracket for GV2 direct mounting DC bus connector kit DIN rail kit UL Type 1 conformity kits Shielding connection clamps Braking resistors Line chokes Motor chokes Additional EMC filters Communication adapter card IP20 IP65 - 0.75 m/ 29.53 in. cable IP65 - 3 m/ 118.11 in. cable Drive with compact control block - single-phase supply voltage: 200…240 V 50/60 Hz 0.18 0.25 ATV320U02M2C – – VW3A9804 VW3A95811 TM200RSRCEMC VW3A7730 VW3A7608R07 VW3A7608R30 VZ1L004M010 VW3A4552 VW3A31401 VW3A3600 0.37 0.5 ATV320U04M2C – – VW3A9804 VW3A95811 TM200RSRCEMC VW3A7730 VW3A7608R07 VW3A7608R30 VZ1L004M010 VW3A4552 VW3A31401 VW3A3600 0.55 0.75 ATV320U06M2C – – VW3A9804 VW3A95811 TM200RSRCEMC VW3A7731 VW3A7608R07 VW3A7608R30 VZ1L007UM50 VW3A4552 VW3A31401 VW3A3600 0.75 1 ATV320U07M2C – – VW3A9804 VW3A95811 TM200RSRCEMC VW3A7731 VW3A7608R07 VW3A7608R30 VZ1L007UM50 VW3A4552 VW3A31401 VW3A3600 1.1 1.5 ATV320U11M2C – – VW3A9805 VW3A95812 TM200RSRCEMC VW3A7731 VW3A7605R07 VW3A7605R30 VZ1L018UM20 VW3A4552 VW3A31403 VW3A3600 1.5 2 ATV320U15M2C – – VW3A9805 VW3A95812 TM200RSRCEMC VW3A7731 VW3A7605R07 VW3A7605R30 VZ1L018UM20 VW3A4552 VW3A31403 VW3A3600 2.2 3 ATV320U22M2C – – VW3A9805 VW3A95812 TM200RSRCEMC VW3A7732 VW3A7603R07 VW3A7603R30 VZ1L018UM20 VW3A4553 VW3A31405 VW3A3600 Drive with compact control block - three-phase supply voltage: 200...240 V 50/60 Hz 0.18 0.25 ATV320U02M3C – – VW3A9804 VW3A95811 TM200RSRCEMC VW3A7730 VW3A7608R07 VW3A7608R30 VW3A4551 VW3A4552 VW3A31402 VW3A3600 0.37 0.5 ATV320U04M3C – – VW3A9804 VW3A95811 TM200RSRCEMC VW3A7730 VW3A7608R07 VW3A7608R30 VW3A4551 VW3A4552 VW3A31402 VW3A3600 0.55 0.75 ATV320U06M3C – – VW3A9804 VW3A95811 TM200RSRCEMC VW3A7731 VW3A7608R07 VW3A7608R30 VW3A4551 VW3A4552 VW3A31402 VW3A3600 0.75 1 ATV320U07M3C – – VW3A9804 VW3A95811 TM200RSRCEMC VW3A7731 VW3A7608R07 VW3A7608R30 VW3A4551 VW3A4552 VW3A31402 VW3A3600 1.1 1.5 ATV320U11M3C – – VW3A9805 VW3A95813 TM200RSRCEMC VW3A7731 VW3A7605R07 VW3A7605R30 VW3A4552 VW3A4552 VW3A31404 VW3A3600 1.5 2 ATV320U15M3C – – VW3A9805 VW3A95813 TM200RSRCEMC VW3A7731 VW3A7605R07 VW3A7605R30 VW3A4552 VW3A4552 VW3A31404 VW3A3600 2.2 3 ATV320U22M3C – – VW3A9805 VW3A95813 TM200RSRCEMC VW3A7732 VW3A7603R07 VW3A7603R30 VW3A4553 VW3A4553 VW3A31404 VW3A3600 3 4 ATV320U30M3C – – – VW3A95815 TM200RSRCEMC VW3A7732 VW3A7604R07 VW3A7604R30 VW3A4553 VW3A4553 VW3A31406 VW3A3600 4 5 ATV320U40M3C – – – VW3A95815 TM200RSRCEMC VW3A7733 VW3A7604R07 VW3A7604R30 VW3A4554 VW3A4554 VW3A31406 VW3A3600 5.5 7.5 ATV320U55M3C – – – VW3A95816 TM200RSRCEMC VW3A7733 – – VW3A4554 VW3A4554 VW3A31407 VW3A3600 7.5 10 ATV320U75M3C – – – VW3A95816 TM200RSRCEMC VW3A7734 – – VW3A4554 VW3A4554 VW3A31407 VW3A3600 11 15 ATV320D11M3C – – – VW3A95818 TM200RSRCEMC VW3A7735 – – VW3A4555 VW3A4556 VW3A31408 VW3A3600 15 20 ATV320D15M3C – – – VW3A95818 TM200RSRCEMC VW3A7736 (IP23) – – VW3A4555 VW3A4556 VW3A31408 VW3A3600 Drive with compact control block - three-phase supply voltage: 380...500 V 50/60 Hz 0.37 0.5 ATV320U04N4C – – VW3A9804 VW3A95812 TM200RSRCEMC VW3A7730 VW3A7608R07 VW3A7608R30 VW3A4551 VW3A4552 VW3A31404 VW3A3600 0.55 0.75 ATV320U06N4C – – VW3A9804 VW3A95812 TM200RSRCEMC VW3A7730 VW3A7608R07 VW3A7608R30 VW3A4551 VW3A4552 VW3A31404 VW3A3600 0.75 1 ATV320U07N4C – – VW3A9804 VW3A95812 TM200RSRCEMC VW3A7730 VW3A7608R07 VW3A7608R30 VW3A4551 VW3A4552 VW3A31404 VW3A3600 1.1 1.5 ATV320U11N4C – – VW3A9804 VW3A95812 TM200RSRCEMC VW3A7730 VW3A7608R07 VW3A7608R30 VW3A4551 VW3A4552 VW3A31404 VW3A3600 1.5 2 ATV320U15N4C – – VW3A9805 VW3A95812 TM200RSRCEMC VW3A7730 VW3A7608R07 VW3A7608R30 VW3A4551 VW3A4552 VW3A31404 VW3A3600 2.2 3 ATV320U22N4C – – VW3A9805 VW3A95814 TM200RSRCEMC VW3A7730 VW3A7608R07 VW3A7608R30 VW3A4552 VW3A4552 VW3A31406 VW3A3600 3 4 ATV320U30N4C – – VW3A9805 VW3A95814 TM200RSRCEMC VW3A7730 VW3A7606R07 VW3A7606R30 VW3A4552 VW3A4552 VW3A31406 VW3A3600 4 5 ATV320U40N4C – – VW3A9805 VW3A95814 TM200RSRCEMC VW3A7731 VW3A7606R07 VW3A7606R30 VW3A4552 VW3A4552 VW3A31406 VW3A3600 Drive with compact control block - three-phase supply voltage: 525…600 V (kW) 50/60 Hz 0.75 1 ATV320U07S6C – – VW3A9805 VW3A95812 TM200RSRCEMC VW3A7730 VW3A7608R07 VW3A7608R30 VW3A4551 VW3A4552 – VW3A3600 1.5 2 ATV320U15S6C – – VW3A9805 VW3A95812 TM200RSRCEMC VW3A7730 VW3A7608R07 VW3A7608R30 VW3A4551 VW3A4552 – VW3A3600 2.2 3 ATV320U22S6C – – – VW3A95814 TM200RSRCEMC VW3A7730 VW3A7608R07 VW3A7608R30 VW3A4551 VW3A4552 – VW3A3600 4 5 ATV320U40S6C – – – VW3A95814 TM200RSRCEMC VW3A7730 VW3A7606R07 VW3A7606R30 VW3A4552 VW3A4552 – VW3A3600 5.5 7.5 ATV320U55S6C – – – VW3A95816 TM200RSRCEMC VW3A7731 VW3A7604R07 VW3A7604R30 VW3A4553 VW3A4552 – VW3A3600 7.5 10 ATV320U75S6C – – – VW3A95816 TM200RSRCEMC VW3A7732 VW3A7604R07 VW3A7604R30 VW3A4553 VW3A4553 – VW3A3600 11 15 ATV320D11S6C – – – VW3A95818 TM200RSRCEMC VW3A7732 – – VW3A4554 VW3A4554 – VW3A3600 15 20 ATV320D15S6C – – – VW3A95818 TM200RSRCEMC VW3A7732 – – VW3A4554 VW3A4554 – VW3A3600 22 23 |