| データシートサーチシステム |
|
WM8150CDS/R データシート(PDF) 19 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8150CDS/R データシート(HTML) 19 Page - Wolfson Microelectronics plc |
|
19 / 26 page ![]() Production Data WM8150 w PD Rev 4.1 February 2005 19 OPERATING MODE TIMING DIAGRAMS The following diagrams show 4-bit multiplexed output data and MCLK, VSMP and input video requirements for operation of the most commonly used modes as shown in Table 3. The diagrams are identical for both CDS and non-CDS operation. MCLK VSMP VINP OP[3:0] (DEL = 00) OP[3:0] (DEL = 01) OP[3:0] (DEL = 10) OP[3:0] (DEL = 11) 16.5 MCLK PERIODS A B C D A B C D A B C D A B C D A B C D A B C A B C A B C D A B C D A B C A B C A B C A B C D A B C D A B C D A B C D A B C D D D D A B C D D D D D Figure 15 Mode 1 Operation MCLK VSMP (DEL = 00) VINP OP[3:0] (DEL = 01) OP[3:0] (DEL = 10) OP[3:0] (DEL = 11) 23.5 MCLK PERIODS C D A B A B C D A B A B C D A B A B C D A B A B C D A B A B C D A B A B C D A B A B C D A B A B C D A B A B C D A B A B C D A B A B C D A B A B C D OP[3:0] C D A B A B C D A B A B C D A B A B C D A B A B C D A B A B C D A B A B C D A B A B C D A B A B C D A B A B C D A B A B C D A B A B C D A B A B C D C D A B A B C D A B A B C D A B A B C D A B A B C D A B A B C D A B A B C D A B A B C D A B A B C D A B A B C D A B A B C D A B A B C D C D A B A B C D A B A B C D A B A B C D A B A B C D A B A B C D A B A B C D A B A B C D A B A B C D A B A B C D A B A B C D C D A B A B C D A B A B C D A B A B Figure 16 Mode 2 Operation |