| データシートサーチシステム |
|
WM8150SCDS/R データシート(PDF) 22 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8150SCDS/R データシート(HTML) 22 Page - Wolfson Microelectronics plc |
|
22 / 26 page ![]() WM8150 Production Data w PD Rev 4.1 February 2005 22 REGISTER MAP DESCRIPTION The following table describes the function of each of the control bits shown in Table 4. REGISTER BIT NO BIT NAME(S) DEFAULT DESCRIPTION 0 EN 1 0 = complete power down, 1 = fully active. 1 CDS 1 Select correlated double sampling mode: 0 = single ended mode, 1 = CDS mode. Offsets PGA output to optimise the ADC range for different polarity sensor output signals. Zero differential PGA input signal gives: 5:4 PGAFS[1:0] 00 00 = Zero output (use for bipolar video) 01 = Zero output 10 = Full-scale positive output (use for negative going video) 11 = Full-scale negative output (use for positive going video) Setup Register 1 6 MODE3 0 Required when operating in MODE3: 0 = other modes, 1 = MODE3. 2 INVOP 0 Digitally inverts the polarity of output data. 0 = negative going video gives negative going output, 1 = negative-going video gives positive going output data. 3 VRLCEXT 0 When set powers down the RLCDAC, changing its output to Hi-Z, allowing VRLC/VBIAS to be externally driven. 5 RLCDACRNG 1 Sets the output range of the RLCDAC. 0 = RLCDAC ranges from 0 to VDD (approximately), 1 = RLCDAC ranges from 0 to VRT (approximately). Sets the output latency in ADC clock periods. 1 ADC clock period = 2 MCLK periods except in Mode 2 where 1 ADC clock period = 3 MCLK periods. Setup Register 2 7:6 DEL[1:0] 00 00 = Minimum latency 01 = Delay by one ADC clock period 10 = Delay by two ADC clock periods 11 = Delay by three ADC clock periods 3:0 RLCV[3:0] 1111 Controls RLCDAC driving VRLC pin to define single ended signal reference voltage or Reset Level Clamp voltage. See Electrical Characteristics section for ranges. CDS mode reset timing adjust. Setup Register 3 5:4 CDSREF[1:0] 01 00 = Advance 1 MCLK period 01 = Normal 10 = Retard 1 MCLK period 11 = Retard 2 MCLK periods Software Reset Any write to Software Reset causes all cells to be reset. It is recommended that a software reset be performed after a power-up before any other register writes. 3 RLCINT 0 This bit is used to determine whether Reset Level Clamping is enabled. 0 = RLC disabled, 1 = RLC enabled. Setup Register 4 5:4 INTM[1:0] 00 Colour selection bits used in internal modes. 00 = Red, 01 = Green, 10 = Blue and 11 = Reserved. See Table 1 for details. |