データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

WM8593 データシート(PDF) 43 Page - Wolfson Microelectronics plc

部品番号 WM8593
部品情報  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WOLFSON [Wolfson Microelectronics plc]
ホームページ  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8593 データシート(HTML) 43 Page - Wolfson Microelectronics plc

Back Button WM8593 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8593 Datasheet HTML 47Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 98 page
background image
Product Preview
WM8593
w
PP Rev 1.0 January 2007
43
DIGITAL ROUTING CONTROL
The WM8593 includes a highly flexible digital routing multiplexer, allowing several independent
systems to be directly connected to the WM8593 without the need for glue logic. The WM8593
consists of five digital audio ‘ports’, each with four pins, which can be configured to connect to any of
the three internal WM8593 systems (ADC, DAC1 or DAC2) or to any other digital audio ports. Two
GPIO pins are available as auxiliary bidirectional data pins when not used for jack detection.
A
simplified block diagram of the digital routing is shown in Figure 22:
Figure 22 Digital Routing Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98