| データシートサーチシステム |
|
WM8711SEDS/R データシート(PDF) 4 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8711SEDS/R データシート(HTML) 4 Page - Wolfson Microelectronics plc |
|
4 / 47 page ![]() Production Data WM8711 / WM8711L w PD Rev 4.3 September 2006 4 PIN CONFIGURATION – 28-LEAD QFN RHPOUT LHPOUT HPVDD NC NC DACLRC DACDAT 28 27 26 25 24 23 22 NC RLINEIN LLINEIN MODE CSB SDIN SCLK 123 45 6 7 8 10 9 11 14 13 12 21 20 19 18 17 16 15 ORDERING INFORMATION – 28-LEAD QFN DEVICE TEMPERATURE RANGE AVDD RANGE PACKAGE MOISTURE SENSITIVITY LEVEL PEAK SOLDERING TEMPERATURE WM8711GEFL -25 to 85 oC 2.7 to 3.6V 28 QFN (lPb free) MSL1 260°C WM8711GEFL/R -25 to 85 oC 2.7 to 3.6V 28 QFN (Pb free, tape and reel) MSL1 260°C WM8711LGEFL -25 to 85 oC 1.8 to 3.6V 28 QFN (Pb free) MSL 1 260°C WM8711LGEFL/R -25 to 85 oC 1.8 to 3.6V 28 QFN (Pb free, tape and reel) MSL 1 260°C Note: Reel quantity = 3,500 |