| データシートサーチシステム |
|
WM8718 データシート(PDF) 28 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8718 データシート(HTML) 28 Page - Wolfson Microelectronics plc |
|
28 / 32 page ![]() WM8718 Production Data w PD Rev 4.3 November 2006 28 RECOMMENDED EXTERNAL COMPONENTS – 24 LEAD QFN Figure 27 External Components Diagram – 24 lead QFN RECOMMENDED EXTERNAL COMPONENTS VALUES COMPONENT REFERENCE SUGGESTED VALUE DESCRIPTION C4 and C7 10 µF De-coupling for DVDD and AVDD C1 and C6 0.1 µF De-coupling for DVDD and AVDD C5 0.1uF De-coupling for VREFP positive DAC reference supply C2 0.1 µF C3 10 µF Reference de-coupling capacitors for VMID pin. C8 10 µF Filtering for VREFP. Omit if AVDD low noise. R1 33 Ω Filtering for VREP. Use 0 Ω if AVDD low noise. Table 14 External Components Description |