| データシートサーチシステム |
|
WM8727GED/V データシート(PDF) 3 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8727GED/V データシート(HTML) 3 Page - Wolfson Microelectronics plc |
|
3 / 16 page ![]() WM8727 Production Data w PD Rev 4.2 July 2006 3 PIN CONFIGURATION 8 7 6 5 WM8727 1 2 3 4 VDD VOUTR VOUTL GND MCLK LRCIN DIN BCKIN ORDERING INFORMATION DEVICE TEMPERATURE RANGE PACKAGE MOISTURE SENSITIVITY LEVEL PEAK SOLDERING TEMPERATURE WM8727GED/V -25 to +85 oC 8-lead SOIC (Pb- free) MSL2 260 oC WM8727GED/RV -25 to +85 oC 8-lead SOIC (Pb- free, tape and reel) MSL2 260 oC Note: Reel Quantity = 3,000 PIN DESCRIPTION PIN NAME TYPE DESCRIPTION 1 DIN Digital input Serial audio data input 2 BCKIN Digital input Bit clock input 3 LRCIN Digital input Sample rate clock input 4 MCLK Digital input System clock input 5 VOUTR Analogue output Right channel DAC output 6 GND Supply Analogue ground supply 7 VDD Supply Positive supply 8 VOUTL Analogue output Left channel DAC output Note: Digital input pins have Schmitt trigger input buffers. |