データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

WM8720SEDS/R データシート(PDF) 15 Page - Wolfson Microelectronics plc

部品番号 WM8720SEDS/R
部品情報  24-bit, 96kHz Stereo DAC with Volume Control
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WOLFSON [Wolfson Microelectronics plc]
ホームページ  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8720SEDS/R データシート(HTML) 15 Page - Wolfson Microelectronics plc

Back Button WM8720SEDS/R Datasheet HTML 9Page - Wolfson Microelectronics plc WM8720SEDS/R Datasheet HTML 10Page - Wolfson Microelectronics plc WM8720SEDS/R Datasheet HTML 11Page - Wolfson Microelectronics plc WM8720SEDS/R Datasheet HTML 12Page - Wolfson Microelectronics plc WM8720SEDS/R Datasheet HTML 13Page - Wolfson Microelectronics plc WM8720SEDS/R Datasheet HTML 14Page - Wolfson Microelectronics plc WM8720SEDS/R Datasheet HTML 15Page - Wolfson Microelectronics plc WM8720SEDS/R Datasheet HTML 16Page - Wolfson Microelectronics plc WM8720SEDS/R Datasheet HTML 17Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
WM8720
Production Data
w
PD Rev 4.0. February 2005
15
RECOMMENDED EXTERNAL COMPONENTS
NOTES:
1. AGND and DGND should be connected as close to the WM8720 as possible.
2. C
2, C3 and C7 should be positioned as close to the WM8720 as possible.
3. Capacitor types should be carefully chosen. Capacitors with very low ESR are
recommended for optimum performance.
4
DVDD
DGND
ML/I2S
AVDD
13
CAP
C
8
C
7
AGND
19
20
Software I/F or
Hardware Control Pins
AGND
C
3
C
4
C
2
DVDD
C
1
5
MC/IWL
6
MD/DM
VOUTR
12
C
5
VOUTL
C
6
AC-Coupled
Output to
External LPF
18
MODE
9
17
MUTE
2
SCKI
15
DIN
16
LRCIN
Audio Serial Data I/F
DGND
AGND
7
RSTB
14
BCKIN
11
10
8
ZERO
AVDD
AVDD
R1
3
TEST
1
PWDN
+
+
+
+
+
Figure 8 External Components Diagram
RECOMMENDED EXTERNAL COMPONENTS VALUES
COMPONENT
REFERENCE
SUGGESTED
VALUE
DESCRIPTION
C1 and C4
10
µF
C2 and C3
0.1
µF
C5 and C6
10
µF
Output AC coupling caps to remove midrail DC level from outputs.
C7
0.1
µF
C8
10
µF
Reference de-coupling capacitors for CAP pin.
R1
10k
Ω
Resistor to AVDD for open drain output operation.
Table 13 External Components Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17