| データシートサーチシステム |
|
WM8729GED/V データシート(PDF) 15 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8729GED/V データシート(HTML) 15 Page - Wolfson Microelectronics plc |
|
15 / 18 page ![]() WM8729 Production Data w PD Rev 4.1 June 2006 15 APPLICATIONS INFORMATION RECOMMENDED EXTERNAL COMPONENTS Figure 17 External Component Diagram RECOMMENDED EXTERNAL COMPONENTS VALUES COMPONENT REFERENCE SUGGESTED VALUE DESCRIPTION C1 and C5 10 µF De-coupling for DVDD and AVDD/VREFP C2 to C4 0.1 µF De-coupling for DVDD and AVDD/VREFP C6 and C7 10 µF Output AC coupling caps to remove midrail DC level from outputs. C8 0.1 µF C9 10 µF Reference de-coupling capacitors for VMID pin. C10 10 µF Filtering for VREFP. Omit if AVDD low noise. R1 33 Ω Filtering for VREP. Use 0 Ω if AVDD low noise. Table 6 External Components Description |