データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

WM8786GEDS/V データシート(PDF) 21 Page - Wolfson Microelectronics plc

部品番号 WM8786GEDS/V
部品情報  24-Bit, 192kHz Stereo ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WOLFSON [Wolfson Microelectronics plc]
ホームページ  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8786GEDS/V データシート(HTML) 21 Page - Wolfson Microelectronics plc

Back Button WM8786GEDS/V Datasheet HTML 16Page - Wolfson Microelectronics plc WM8786GEDS/V Datasheet HTML 17Page - Wolfson Microelectronics plc WM8786GEDS/V Datasheet HTML 18Page - Wolfson Microelectronics plc WM8786GEDS/V Datasheet HTML 19Page - Wolfson Microelectronics plc WM8786GEDS/V Datasheet HTML 20Page - Wolfson Microelectronics plc WM8786GEDS/V Datasheet HTML 21Page - Wolfson Microelectronics plc WM8786GEDS/V Datasheet HTML 22Page - Wolfson Microelectronics plc WM8786GEDS/V Datasheet HTML 23Page - Wolfson Microelectronics plc WM8786GEDS/V Datasheet HTML 24Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Production Data
WM8786
w
PD Rev 4.2 February 2007
21
APPLICATIONS INFORMATION
RECOMMENDED EXTERNAL COMPONENTS
Notes:
1.
AGND and DGND should be connected as close to the WM8786 as possible.
2.
C1 to C6 should be placed as close to the WM8786 device as possible.
3.
Capacitor types should be chosen carefully. Capacitors with very low ESR are recommended for optimum performance, such as X7R. VMID and VREF decoupling
capacitors must be high quality electrolytic capacitors to achieve datasheet performance; ceramic capacitors are not acceptable.
4.
An active input filter is required to achieve datasheet performance. The circuit shown is a tested inverting reference example.
Figure 24 External Component Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24