| データシートサーチシステム |
|
SNC323 データシート(PDF) 4 Page - SONiX Technology Company |
|
|
|||||||||||||||||||||||||||||
SNC323 データシート(HTML) 4 Page - SONiX Technology Company |
|
4 / 11 page ![]() SNC323 Direct Drive Voice/Dual Tone Melody Controller 5.6. Dual-Tone Generator A dual-tone melody generator is included to generate 2-channel music songs with a pleasant square-wave-like timbre. The pitch range of each tone generator is as wide as 4 octaves (48 different notes totally). The output of dual-tone generator can be mixed with the output of voice synthesizer to achieve voice playing with BGM (background music). Additionally, Sonix provides a numbered-musical-notation representation to help users compose their songs. Further, a MIDI (1.0) file translator can convert MIDI files into Sonix format. 5.7. I/O Ports P1 is a 4-bit input port and P2/P3 are two 4-bit I/O ports. Any bit of P2 and P3 can be programmed as either input or output port individually. Any valid data transition (H L or L H) of P1, P2 and P3 can reactivate the chip when the chip is in power-down mode. Input Port Configuration (P10~P13) To Internal Data Bus Read Control PAD Weak Port Data Port Status To Internal Data Bus Read Control PAD Weak I/O Port Configuration (P20~P23, P30~P33) Note: weak N-MOS’s can serve as pull-low resistor. Ver: 1.4 June 8, 2005 4 |