| データシートサーチシステム |
|
AT80SND2CMP3B データシート(PDF) 12 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT80SND2CMP3B データシート(HTML) 12 Page - ATMEL Corporation |
|
12 / 241 page ![]() 12 4341F–MP3–03/06 AT8xC51SND2C/MP3B 4.4 Internal Pin Structure Table 4-17. Detailed Internal Pin Structure Notes: 1. For information on resistors value, input/output levels, and drive capability, refer to the Section “DC Characteristics”, page 201. 2. When the Two Wire controller is enabled, P 3 transistors are disabled allowing pseudo open- drain structure. Circuit(1) Type Pins Input TST Input/Output RST Input/Output P3 P4 Input/Output P0 MCMD MDAT ISP PSEN Output ALE SCLK DCLK DOUT DSEL MCLK Input/Output D+ D- VDD VSS P VDD Watchdog Output P 3 VSS N P 1 VDD VDD 2 osc Latch Output periods P 2 VDD VSS N P VDD VSS N P VDD D+ D- |