| データシートサーチシステム |
|
AD628ARZ-R7 データシート(PDF) 14 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD628ARZ-R7 データシート(HTML) 14 Page - Analog Devices |
|
14 / 20 page ![]() AD628 Rev. F | Page 14 of 20 THEORY OF OPERATION The AD628 is a high common-mode voltage difference amplifier, combined with a user-configurable output amplifier (see Figure 28 and Figure 29). Differential mode voltages in excess of 120 V are accurately scaled by a precision 11:1 voltage divider at the input. A reference voltage input is available to the user at Pin 3 (VREF). The output common-mode voltage of the difference amplifier is the same as the voltage applied to the reference pin. If the uncommitted amplifier is configured for gain, connect Pin 3 to one end of the external gain resistor to establish the output common-mode voltage at Pin 5 (OUT). The output of the difference amplifier is internally connected to a 10 kΩ resistor trimmed to better than ±0.1% absolute accuracy. The resistor is connected to the noninverting input of the output amplifier and is accessible at Pin 4 (CFILT). A capacitor can be connected to implement a low-pass filter, a resistor can be connected to further reduce the output voltage, or a clamp circuit can be connected to limit the output swing. The uncommitted amplifier is a high open-loop gain, low offset, low drift op amp, with its noninverting input connected to the internal 10 kΩ resistor. Both inputs are accessible to the user. Careful layout design has resulted in exceptional common- mode rejection at higher frequencies. The inputs are connected to Pin 1 (+IN) and Pin 8 (−IN), which are adjacent to the power pins, Pin 2 (−VS) and Pin 7 (+VS). Because the power pins are at ac ground, input impedance balance and, therefore, common- mode rejection are preserved at higher frequencies. +IN –IN +IN –IN A2 A1 +IN –IN 100k Ω 100k Ω 10k Ω 10k Ω VREF 10k Ω OUT G = +0.1 CFILT RG Figure 28. Simplified Schematic +VS +IN –IN –VS A2 +IN –IN 100k Ω 100k Ω 10k Ω 10k Ω VREF REFERENCE VOLTAGE 10k Ω AD628 OUT G = +0.1 RG REXT3 CFILT REXT2 REXT1 +IN –IN A1 Figure 29. Circuit Connections |