データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AT90S2313 データシート(PDF) 13 Page - ATMEL Corporation

部品番号 AT90S2313
部品情報  8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90S2313 データシート(HTML) 13 Page - ATMEL Corporation

Back Button AT90S2313 Datasheet HTML 9Page - ATMEL Corporation AT90S2313 Datasheet HTML 10Page - ATMEL Corporation AT90S2313 Datasheet HTML 11Page - ATMEL Corporation AT90S2313 Datasheet HTML 12Page - ATMEL Corporation AT90S2313 Datasheet HTML 13Page - ATMEL Corporation AT90S2313 Datasheet HTML 14Page - ATMEL Corporation AT90S2313 Datasheet HTML 15Page - ATMEL Corporation AT90S2313 Datasheet HTML 16Page - ATMEL Corporation AT90S2313 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 92 page
background image
13
AT90S2313
0839I–AVR–06/02
Indirect Program Addressing,
IJMP and ICALL
Figure 18. Indirect Program Memory Addressing
Program execution continues at address contained by the Z-register (i.e., the PC is
loaded with the contents of the Z-register).
Relative Program Addressing,
RJMP and RCALL
Figure 19. Relative Program Memory Addressing
Program execution continues at address PC + k + 1. The relative address k is -2048 to
2047.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92