| データシートサーチシステム |
|
LSN2-T/6-D12 データシート(PDF) 1 Page - C&D Technologies |
|
|
|||||||||||||||||||||||||||||
LSN2-T/6-D12 データシート(HTML) 1 Page - C&D Technologies |
|
1 / 14 page ![]() ® LSN2 Series Non-isolated, DOSA-SIP, 6/10/16A Selectable-Output DC/DC Converters LSN2 Series Page 1 of 14 www.cd4power.com ORDERING GUIDE SUMMARY Model VOUT Range IOUT Range VIN Range Ripple/Noise Efficiency LSN2-T/6-W3 0.75-3.3V 0-6A 2.4-5.5V 15mVp-p 94% LSN2-T/6-D12 0.75-5V 0-6A 8.3-14V 15mVp-p 95% LSN2-T/10-W3 0.75-3.3V 0-10A 2.4-5.5V 15mVp-p 95% LSN2-T/10-D12 0.75-5V 0-10A 8.3-14V 30mVp-p 95% LSN2-T/16-W3 0.75-3.3V 0-16A 2.4-5.5V 25mVp-p 95% LSN2-T/16-D12 0.75-5V 0-16A 8.3-14V 30mVp-p 94% MECHANICAL CHARACTERISTICS 6 Amp output models 0.50 x 1.00 x 0.275 inches (12.7 x 25.4 x 6.98 mm) 10 & 16 Amp models 0.50 x 2.00 x 0.32 inches (12.7 x 50.8 x 8.13 mm) INPUT CHARACTERISTICS Parameter Typ. @ 25°C, full load Notes Voltage Range 2.4-5.5 or 8.3-14V 5V or 12V nominal models Current, full power 4.22 to 11.12A Model dependent Undervoltage Shutdown Included With autorestart hysteresis Short Circuit Current 60mA Output is short circuited Remote On/Off Control Positive or negative polarity Default polarity is positive OUTPUT CHARACTERISTICS Parameter Typ. @ 25°C, full load Notes Voltage 0.75-3.3 or 0.75-5V User adjustable, model dependent Current 0-6, 0-10 or 0-16A Three ranges, model dependent Power Dissipation 20, 33, 52W max. Three values, model dependent Accuracy ±2% of VNOM 50% load Ripple & Noise 15-75mVpp Model dependent Line and Load Regulation ±0.03% Overcurrent Protection Hiccup autorecovery Continuous short circuit protection Overtemperature Protection +115°C shutdown Efficiency (minimum) 92-93% Model dependent Efficiency (typical) 94-95% Model dependent GENERAL SPECIFICATIONS Parameter Typ. @ 25°C, full load Notes Transient Response 25μsec 50% load step to 2% of final value Operating Temperature Range –40 to +85°C With 200 lfm airflow Safety UL/IEC/EN 60950 And CSA C22.2-No.234 EMI FCC pt.15, class B Pb Lead-free construction/attach FEATURES ■ User-selectable outputs: 0.75-5V (D12 models) or 0.75-3.3V (W3 models) ■ 6, 10 or 16A maximum output current ■ Double lead free to RoHS standards ■ Selectable phased start-up sequencing and tracking ■ Wide range VIN 8.3-14V or 2.4-5.5V ■ Up to 52 Watts total output power ■ Very high efficiency up to 95% ■ Starts up into pre-biased load ■ Fast settling, high di/dt IOUT slew rate DESCRIPTION These miniature point-of-load (POL) switching DC/DC converters are ideal regulation and supply elements for distributed power and intermedi- ate bus architectures. Fully compatible with the Distributed-power Open Standards Alliance specification (www.dosapower.com), LSN2’s can power CPU’s, programmable logic and mixed- voltage systems with little heat and low noise. A typical application uses a master isolated 12 or 5Vdc supply and individual LSN2 converters for local 1.8 and 3.3Vdc supplies. All system isolation resides in the central supply, leaving lower cost POL regulation at the load. The LSN2’s can deliver very high power (to 52 Watts) in a tiny area with- out heat sinking or external components. They feature quick transient response (to 25μsec) and very fast current slew rates (to 20A/μsec). |
同様の部品番号 - LSN2-T/6-D12 |
|
同様の説明 - LSN2-T/6-D12 |