| データシートサーチシステム |
|
AT45DB021B-RC データシート(PDF) 25 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT45DB021B-RC データシート(HTML) 25 Page - ATMEL Corporation |
|
25 / 32 page ![]() 25 1937J–DFLSH–9/05 AT45DB021B Figure 15-1. Algorithm for Sequentially Programming or Reprogramming the Entire Array Notes: 1. This type of algorithm is used for applications in which the entire array is programmed sequentially, filling the array page-by-page. 2. A page can be written using either a Main Memory Page Program operation or a Buffer Write operation followed by a Buffer to Main Memory Page Program operation. 3. The algorithm above shows the programming of a single page. The algorithm will be repeated sequentially for each page within the entire array. START MAIN MEMORY PAGE PROGRAM THROUGH BUFFER (82H, 85H) END provide address and data BUFFER WRITE (84H, 87H) BUFFER TO MAIN MEMORY PAGE PROGRAM (83H, 86H) |