| データシートサーチシステム |
|
AT45DB021B-SC データシート(PDF) 10 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT45DB021B-SC データシート(HTML) 10 Page - ATMEL Corporation |
|
10 / 32 page ![]() 10 1937J–DFLSH–9/05 AT45DB021B Note: In Tables 2 and 3, an SCK mode designation of “Any” denotes any one of the four modes of operation (Inactive Clock Polarity Low, Inactive Clock Polarity High, SPI Mode 0, or SPI Mode 3). Table 5-4. Program and Erase Commands Command SCK Mode Opcode Buffer 1 Write Any 84H Buffer 2 Write Any 87H Buffer 1 to Main Memory Page Program with Built-in Erase Any 83H Buffer 2 to Main Memory Page Program with Built-in Erase Any 86H Buffer 1 to Main Memory Page Program without Built-in Erase Any 88H Buffer 2 to Main Memory Page Program without Built-in Erase Any 89H Page Erase Any 81H Block Erase Any 50H Main Memory Page Program through Buffer 1 Any 82H Main Memory Page Program through Buffer 2 Any 85H Table 5-5. Additional Commands Command SCK Mode Opcode Main Memory Page to Buffer 1 Transfer Any 53H Main Memory Page to Buffer 2 Transfer Any 55H Main Memory Page to Buffer 1 Compare Any 60H Main Memory Page to Buffer 2 Compare Any 61H Auto Page Rewrite through Buffer 1 Any 58H Auto Page Rewrite through Buffer 2 Any 59H |