| データシートサーチシステム |
|
AT45DB021B-TC データシート(PDF) 3 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT45DB021B-TC データシート(HTML) 3 Page - ATMEL Corporation |
|
3 / 32 page ![]() 3 1937J–DFLSH–9/05 AT45DB021B 3. Block Diagram 4. Memory Array To provide optimal flexibility, the memory array of the AT45DB021B is divided into three levels of granularity comprised of sectors, blocks and pages. The Memory Architecture Diagram illus- trates the breakdown of each level and details the number of pages per sector and block. All program operations to the DataFlash occur on a page-by-page basis; however, the optional erase operations can be performed at the block or page level. Figure 4-1. Memory Architecture Diagram FLASH MEMORY ARRAY PAGE (264 BYTES) BUFFER 2 (264 BYTES) BUFFER 1 (264 BYTES) I/O INTERFACE SCK CS RESET VCC GND RDY/BUSY WP SO SI SECTOR 0a = 8 Pages 2112 bytes (2K + 64) SECTOR 0b = 248 Pages 65,472 bytes (62K + 1984) Block = 2112 bytes (2K + 64) 8 Pages SECTOR 0 Page = 264 bytes (256 + 8) PAGE 0 PAGE 1 PAGE 6 PAGE 7 PAGE 8 PAGE 9 PAGE 1022 PAGE 1023 PAGE 14 PAGE 15 PAGE 16 PAGE 17 PAGE 18 PAGE 1021 SECTOR ARCHITECTURE BLOCK ARCHITECTURE PAGE ARCHITECTURE BLOCK 0 BLOCK 1 BLOCK 30 BLOCK 31 BLOCK 32 BLOCK 33 BLOCK 126 BLOCK 127 BLOCK 62 BLOCK 63 BLOCK 64 BLOCK 65 BLOCK 2 SECTOR 0c = 256 Pages 67,584 bytes (64K + 2K) SECTOR 1 = 512 Pages 135,168 bytes (128K + 4K) |