データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

C1608 データシート(PDF) 3 Page - List of Unclassifed Manufacturers

部品番号 C1608
部品情報  CAPACITORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

C1608 データシート(HTML) 3 Page - List of Unclassifed Manufacturers

  C1608 Datasheet HTML 1Page - List of Unclassifed Manufacturers C1608 Datasheet HTML 2Page - List of Unclassifed Manufacturers C1608 Datasheet HTML 3Page - List of Unclassifed Manufacturers C1608 Datasheet HTML 4Page - List of Unclassifed Manufacturers C1608 Datasheet HTML 5Page - List of Unclassifed Manufacturers C1608 Datasheet HTML 6Page - List of Unclassifed Manufacturers C1608 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Ceramic Capacitors
CAPACITANCE TEMPERATURE CHARACTERISTICS
Class I
MULTILAYER CERAMIC CHIP CAPACITORS
C TYPE [16,25, 50Vdc],
CLASS I AND CLASS II
Class II
CAPACITANCE AND TOLERANCE
3-1
DOC. NO. 22CB-000111
PART NO. 2203-000013



Html Pages

1 2 3 4 5 6 7