| データシートサーチシステム |
|
AT45DB021B-CU データシート(PDF) 27 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT45DB021B-CU データシート(HTML) 27 Page - ATMEL Corporation |
|
27 / 32 page ![]() 27 1937J–DFLSH–9/05 AT45DB021B 17. Ordering Information 17.1 Standard Package Options f SCK (MHz) ICC (mA) Ordering Code Package Operation Range Active Standby 20 10 0.01 AT45DB021B-CC AT45DB021B-RC AT45DB021B-SC AT45DB021B-TC 9C1 28R 8S2 28T Commercial (0 °C to 70°C) 20 10 0.01 AT45DB021B-CI AT45DB021B-RI AT45DB021B-SI AT45DB021B-TI 9C1 28R 8S2 28T Industrial (-40 °C to 85°C) 17.2 Green Package Options (Pb/Halide-free/RoHS Compliant) f SCK (MHz) ICC (mA) Ordering Code Package Operation Range Active Standby 20 10 0.01 AT45DB021B-CU AT45DB021B-RU AT45DB021B-SU AT45DB021B-TU 9C1 28R 8S2 28T Industrial (-40 °C to 85°C) Package Type 9C1 9-ball (3 x 3 Array), 1.0 mm Pitch, 5 x 5 mm Plastic Chip-scale Ball Grid Array Package (CBGA) 28R 28-lead, 0.330" Wide, Plastic Gull Wing Small Outline Package (SOIC) 8S2 8-lead, 0.210" Wide, Plastic Gull Wing Small Outline Package (EIAJ SOIC) 28T 28-lead, Plastic Thin Small Outline Package (TSOP) |