| データシートサーチシステム |
|
AT45DB021B-RU データシート(PDF) 2 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT45DB021B-RU データシート(HTML) 2 Page - ATMEL Corporation |
|
2 / 32 page ![]() 2 1937J–DFLSH–9/05 AT45DB021B 2. Pin Configurations and Pinouts Table 2-1. Pin Configurations Pin Name Function CS Chip Select SCK Serial Clock SI Serial Input SO Serial Output WP Hardware Page Write Protect Pin RESET Chip Reset RDY/BUSY Ready/Busy Figure 2-1. TSOP Top View, Type 1 Figure 2-2. 8-SOIC Figure 2-3. 28-SOIC(1) Note: 1. This package is not recommended for new designs. Figure 2-4. CBGA Top View through Package 1 2 3 4 5 6 7 8 9 10 11 12 13 14 28 27 26 25 24 23 22 21 20 19 18 17 16 15 RDY/BUSY RESET WP NC NC VCC GND NC NC NC CS SCK SI SO NC NC NC NC NC NC NC NC NC NC NC NC NC NC 1 2 3 4 8 7 6 5 SI SCK RESET CS SO GND VCC WP 1 2 3 4 5 6 7 8 9 10 11 12 13 14 28 27 26 25 24 23 22 21 20 19 18 17 16 15 GND NC NC CS SCK SI SO NC NC NC NC NC NC NC VCC NC NC WP RESET RDY/BUSY NC NC NC NC NC NC NC NC A B C 123 VCC WP RESET GND RDY/BSY SI SCK CS SO |