データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AT89LP2052 データシート(PDF) 53 Page - ATMEL Corporation

部品番号 AT89LP2052
部品情報  8-bit Microcontroller with 2/4-Kbyte Flash
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP2052 データシート(HTML) 53 Page - ATMEL Corporation

Back Button AT89LP2052 Datasheet HTML 49Page - ATMEL Corporation AT89LP2052 Datasheet HTML 50Page - ATMEL Corporation AT89LP2052 Datasheet HTML 51Page - ATMEL Corporation AT89LP2052 Datasheet HTML 52Page - ATMEL Corporation AT89LP2052 Datasheet HTML 53Page - ATMEL Corporation AT89LP2052 Datasheet HTML 54Page - ATMEL Corporation AT89LP2052 Datasheet HTML 55Page - ATMEL Corporation AT89LP2052 Datasheet HTML 56Page - ATMEL Corporation AT89LP2052 Datasheet HTML 57Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 90 page
background image
53
3547F–MICRO–6/06
AT89LP2052/LP4052
Table 21-5.
Detailed Bit Instruction Summary
Bit Instruction
Bytes
Clock Cycles
Hex Code
8051
LP2052
CLR C
1
12
1
C3
CLR bit
2
12
2
C2
SETB C
1
12
1
D3
SETB bit
2
12
2
D2
CPL C
1
12
1
B3
CPL bit
2
12
2
B2
ANL C, bit
2
24
2
82
ANL C, /bit
2242
B0
ORL C, bit
2
24
2
72
ORL C, /bit
2242
A0
MOV C, bit
2
12
2
A2
MOV bit, C
2
24
2
92
Table 21-6.
Detailed Branching Instruction Summary
Branching Instruction
Bytes
Clock Cycles
Hex Code
8051
LP2052
JC rel
2
24340
JNC rel
2
24
3
50
JB bit, rel
3
24
4
20
JNB bit, rel
3
24
4
30
JBC bit, rel
3
24
4
10
JZ rel
2
24360
JNZ rel
2
24370
SJMP rel
2
24
3
80
ACALL addr11
2
24
3
11,31,51,7
1,91,B1,D1
,F1
LCALL addr16
3
24
4
12
RET
1
24422
RETI
124432
AJMP addr11
2
24
3
01,21,41,6
1,81,A1,C1
,E1
LJMP addr16
3
24
4
02
JMP @A+DPTR
1
24
2
73
CJNE A, direct, rel
3
24
4
B5
CJNE A, #data, rel
3
24
4
B4
CJNE Rn, #data, rel
3
24
4
B8-BF
CJNE @Ri, #data, rel
3
24
4
B6-B7
DJNZ Rn, rel
2
24
3
D8-DF
DJNZ direct, rel
3
24
4
D5
NOP
1
12100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90