| データシートサーチシステム |
|
AT89LP4052 データシート(PDF) 73 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT89LP4052 データシート(HTML) 73 Page - ATMEL Corporation |
|
73 / 90 page ![]() 73 3547F–MICRO–6/06 AT89LP2052/LP4052 22.5.4 ISP Exit Sequence Execute this sequence to exit ISP and resume execution. 1. Bring SS (P1.4) to “H”. 2. Tri-state MOSI (P1.5). 3. Tri-state SCK (P1.7). 4. Bring RST to “L”. 5. Tri-state SS. Figure 22-25. In-System Programming (ISP) Exit Sequence Note: The waveforms on this page are not to scale. 22.5.5 ISP Byte Sequence The ISP byte sequence is shown in Figure 22-26. • Data shifts in/out MSB first. • MISO changes at falling edge of SCK. • MOSI is sampled at rising edge of SCK. Figure 22-26. ISP Byte Sequence VCC RST SS SCK HIGH Z MOSI HIGH Z MISO XTAL1 7 7 6 6 5 5 4 4 3 3 2 2 1 1 0 0 MOSI MISO SCK Data Sampled |