データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AT45DB321D データシート(PDF) 54 Page - ATMEL Corporation

部品番号 AT45DB321D
部品情報  32-megabit 2.7-volt DataFlash
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB321D データシート(HTML) 54 Page - ATMEL Corporation

Back Button AT45DB321D_07 Datasheet HTML 47Page - ATMEL Corporation AT45DB321D_07 Datasheet HTML 48Page - ATMEL Corporation AT45DB321D_07 Datasheet HTML 49Page - ATMEL Corporation AT45DB321D_07 Datasheet HTML 50Page - ATMEL Corporation AT45DB321D_07 Datasheet HTML 51Page - ATMEL Corporation AT45DB321D_07 Datasheet HTML 52Page - ATMEL Corporation AT45DB321D_07 Datasheet HTML 53Page - ATMEL Corporation AT45DB321D_07 Datasheet HTML 54Page - ATMEL Corporation AT45DB321D_07 Datasheet HTML 55Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 54 / 55 page
background image
54
3597H–DFLASH–02/07
AT45DB321D [Preliminary]
29. Errata
29.1
Chip Erase
29.1.1
Issue
In a certain percentage of units, the Chip Erase feature may not function correctly and may
adversely affect device operation. Therefore, it is recommended that the Chip Erase commands
(opcodes C7H, 94H, 80H, and 9AH) not be used.
29.1.2
Workaround
Use Block Erase (opcode 50H) as an alternative. The Block Erase function is not affected by the
Chip Erase issue.
29.1.3
Resolution
The Chip Erase feature may be fixed with a new revision of the device. Please contact Atmel for
the estimated availability of devices with the fix.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55