| データシートサーチシステム |
|
AT45DB321D-MU データシート(PDF) 28 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT45DB321D-MU データシート(HTML) 28 Page - ATMEL Corporation |
|
28 / 55 page ![]() 28 3597H–DFLASH–02/07 AT45DB321D [Preliminary] 15. Command Tables Table 15-1. Read Commands Command Opcode Main Memory Page Read D2H Continuous Array Read (Legacy Command) E8H Continuous Array Read (Low Frequency) 03H Continuous Array Read (High Frequency) 0BH Buffer 1 Read (Low Frequency) D1H Buffer 2 Read (Low Frequency) D3H Buffer 1 Read D4H Buffer 2 Read D6H Table 15-2. Program and Erase Commands Command Opcode Buffer 1 Write 84H Buffer 2 Write 87H Buffer 1 to Main Memory Page Program with Built-in Erase 83H Buffer 2 to Main Memory Page Program with Built-in Erase 86H Buffer 1 to Main Memory Page Program without Built-in Erase 88H Buffer 2 to Main Memory Page Program without Built-in Erase 89H Page Erase 81H Block Erase 50H Sector Erase 7CH Chip Erase C7H, 94H, 80H, 9AH Main Memory Page Program Through Buffer 1 82H Main Memory Page Program Through Buffer 2 85H |