| データシートサーチシステム |
|
AT89C51SND1C-ROTIL データシート(PDF) 46 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT89C51SND1C-ROTIL データシート(HTML) 46 Page - ATMEL Corporation |
|
46 / 212 page ![]() 46 4109J–8051–10/06 AT8xC51SND1C Reset Value = 0000 0000b Bit Number Bit Mnemonic Description 7- Reserved The value read from this bit is always 0. Do not set this bit. 6IPLUSB USB Interrupt Priority Level LSB Refer to Table 39 for priority level description. 5- Reserved The value read from this bit is always 0. Do not set this bit. 4IPLKB Keyboard Interrupt Priority Level LSB Refer to Table 39 for priority level description. 3IPLADC A to D Converter Interrupt Priority Level LSB Refer to Table 39 for priority level description. 2IPLSPI SPI Interrupt Priority Level LSB Refer to Table 39 for priority level description. 1IPLI2C Two Wire Controller Interrupt Priority Level LSB Refer to Table 39 for priority level description. 0IPLMMC MMC Interrupt Priority Level LSB Refer to Table 39 for priority level description. |