| データシートサーチシステム |
|
T89C51CC02UA-RATIM データシート(PDF) 98 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
T89C51CC02UA-RATIM データシート(HTML) 98 Page - ATMEL Corporation |
|
98 / 156 page ![]() 98 AT/T89C51CC02 4126J–CAN–05/06 Table 61. CANGIE Register CANGIE (S:C1h) – CAN Reset Value = xx00 000xb 76 54 32 1 0 - - ENRX ENTX ENERCH ENBUF ENERG - Bit Number Bit Mnemonic Description 7 - 6 - Reserved The values read from these bits are indeterminate. Do not set these bits. 5 ENRX Enable Receive Interrupt 0 - Disable 1 - Enable 4ENTX Enable Transmit Interrupt 0 - Disable 1 - Enable 3 ENERCH Enable Message Object Error Interrupt 0 - Disable 1 - Enable 2ENBUF Enable BUF Interrupt 0 - Disable 1 - Enable 1 ENERG Enable General Error Interrupt 0 - Disable 1 - Enable 0- Reserved The value read from this bit is indeterminate. Do not set this bit. See Figure 39. |