データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AT80C51RB2-SLSIM データシート(PDF) 47 Page - ATMEL Corporation

部品番号 AT80C51RB2-SLSIM
部品情報  80C51 High Performance ROM 8-bit Microcontroller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80C51RB2-SLSIM データシート(HTML) 47 Page - ATMEL Corporation

Back Button AT80C51RB2-SLSIM Datasheet HTML 43Page - ATMEL Corporation AT80C51RB2-SLSIM Datasheet HTML 44Page - ATMEL Corporation AT80C51RB2-SLSIM Datasheet HTML 45Page - ATMEL Corporation AT80C51RB2-SLSIM Datasheet HTML 46Page - ATMEL Corporation AT80C51RB2-SLSIM Datasheet HTML 47Page - ATMEL Corporation AT80C51RB2-SLSIM Datasheet HTML 48Page - ATMEL Corporation AT80C51RB2-SLSIM Datasheet HTML 49Page - ATMEL Corporation AT80C51RB2-SLSIM Datasheet HTML 50Page - ATMEL Corporation AT80C51RB2-SLSIM Datasheet HTML 51Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 83 page
background image
48
AT80C51RD2/AT83C51Rx2
4113B–8051–03/05
Table 33. IEO Register
IE0 - Interrupt Enable Register (A8h)
Reset Value = 0000 0000b
Bit addressable
7654
3210
EA
EC
ET2
ES
ET1
EX1
ET0
EX0
Bit
Number
Bit
Mnemonic
Description
7EA
Enable All interrupt bit
Cleared to disable all interrupts.
Set to enable all interrupts.
6EC
PCA interrupt enable bit
Cleared to disable.
Set to enable.
5ET2
Timer 2 overflow interrupt enable bit
Cleared to disable Timer 2 overflow interrupt.
Set to enable Timer 2 overflow interrupt.
4ES
Serial port enable bit
Cleared to disable serial port interrupt.
Set to enable serial port interrupt.
3ET1
Timer 1 overflow interrupt enable bit
Cleared to disable timer 1 overflow interrupt.
Set to enable timer 1 overflow interrupt.
2
EX1
External interrupt 1 enable bit
Cleared to disable external interrupt 1.
Set to enable external interrupt 1.
1ET0
Timer 0 overflow interrupt enable bit
Cleared to disable timer 0 overflow interrupt.
Set to enable timer 0 overflow interrupt.
0
EX0
External interrupt 0 enable bit
Cleared to disable external interrupt 0.
Set to enable external interrupt 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83