| データシートサーチシステム |
|
AT89C51CC03CA-RDTZM データシート(PDF) 141 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT89C51CC03CA-RDTZM データシート(HTML) 141 Page - ATMEL Corporation |
|
141 / 197 page ![]() 141 AT89C51CC03 4182K–CAN–05/06 SPCON, SPSTA and SPDAT registers may be read and written at any time while there is no on-going exchange. However, special care should be taken when writing to them while a transmission is on-going: • Do not change SPR2, SPR1 and SPR0 • Do not change CPHA and CPOL • Do not change MSTR • Clearing SPEN would immediately disable the peripheral • Writing to the SPDAT will cause an overflow. |