| データシートサーチシステム |
|
BL604 データシート(PDF) 9 Page - Bouffalo Lab Intelligent Technology Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
BL604 データシート(HTML) 9 Page - Bouffalo Lab Intelligent Technology Co., Ltd. |
|
9 / 30 page ![]() 2 Functional Description BL602/BL604 main functions described as follows: SPI RISC CPU FPU MPU NVIC ROM Cache TCM UART Flash Control DMA Channels Crypto Engines WiFi 802.11b/g/n BLE 4.2 SDIO Slave QSPI SDIO x4 I2C PWM IR DAC ADC EINT GPIO x2 x5 GPIO eFUSE SYSRAM GLB REG PMU RTC Timer x2 RF Bus Figure 2.1: System Architecture 2.1 CPU BL602/BL604 32-bit RISC CPU contains FPU (floating-point unit) for 32-bit single-precision arithmetic, three-stage pipelined (IF, EXE, WB), compressed 16 and 32-bit instruction set, standard JTAG debugger port including 4 hardware- BL602/604 Datasheet 9/ 30 @2020 Bouffalo Lab |