データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SY100HA643JC データシート(PDF) 2 Page - Micrel Semiconductor

部品番号 SY100HA643JC
部品情報  DUAL SUPPLY OCTAL ECL-TO-TTL
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICREL [Micrel Semiconductor]
ホームページ  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100HA643JC データシート(HTML) 2 Page - Micrel Semiconductor

  SY100HA643JC Datasheet HTML 1Page - Micrel Semiconductor SY100HA643JC Datasheet HTML 2Page - Micrel Semiconductor SY100HA643JC Datasheet HTML 3Page - Micrel Semiconductor SY100HA643JC Datasheet HTML 4Page - Micrel Semiconductor SY100HA643JC Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Precision Edge®
SY100HA643
Micrel, Inc.
M9999-032906
hbwhelp@micrel.com or (408) 955-1690
18
17
16
15
14
13
12
5
6789
10 11
SY100HA643
TOP VIEW
PLCC
Q3
OGND2
Q2
OVT1
Q1
OGND1
Q0
VCCE
VCCE
LEN
VBB
IVT2
IGND2
D
4
3
2
1
28
27
26
25 24
23 22 21 20 19
PACKAGE/ORDERING INFORMATION
Ordering Information(1)
Package
Operating
Package
Lead
Part Number
Type
Range
Marking
Finish
SY100HA643JC
J28-1
Commercial
SY100HA643JC
Sn-Pb
SY100HA643JCTR(2)
J28-1
Commercial
SY100HA643JC
Sn-Pb
SY100HA643JI
J28-1
Industrial
SY100HA643JI
Sn-Pb
SY100HA643JITR(2)
J28-1
Industrial
SY100HA643JI
Sn-Pb
SY100HA643JY(3)
J28-1
Industrial
SY100HA643JY with
Matte-Sn
Pb-Free bar-line indicator
SY100HA643JYTR(2, 3)
J28-1
Industrial
SY100HA643JY with
Matte-Sn
Pb-Free bar-line indicator
Notes:
1. Contact factory for die availability. Dice are guaranteed at T
A = 25°C, DC Electricals only.
2. Tape and Reel.
3. Pb-Free package is recommended for new designs.
28-Pin PLCC (J28-1)



Html Pages

1 2 3 4 5