データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SY100S321 データシート(PDF) 2 Page - Micrel Semiconductor

部品番号 SY100S321
部品情報  LOW-POWER 9-BIT INVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICREL [Micrel Semiconductor]
ホームページ  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100S321 データシート(HTML) 2 Page - Micrel Semiconductor

  SY100S321_06 Datasheet HTML 1Page - Micrel Semiconductor SY100S321_06 Datasheet HTML 2Page - Micrel Semiconductor SY100S321_06 Datasheet HTML 3Page - Micrel Semiconductor SY100S321_06 Datasheet HTML 4Page - Micrel Semiconductor SY100S321_06 Datasheet HTML 5Page - Micrel Semiconductor SY100S321_06 Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
SY100S321
Micrel, Inc.
M9999-032206
hbwhelp@micrel.com or (408) 955-1690
PACKAGE/ORDERING INFORMATION
Ordering Information
Package
Operating
Package
Lead
Part Number
Type
Range
Marking
Finish
SY100S321FC
F24-1
Commercial
SY100S321FC
Sn-Pb
SY100S321FCTR(1)
F24-1
Commercial
SY100S321FC
Sn-Pb
SY100S321JC
J28-1
Commercial
SY100S321JC
Sn-Pb
SY100S321JCTR(1)
J28-1
Commercial
SY100S321JC
Sn-Pb
SY100S321JZ(2)
J28-1
Commercial
SY100S321JZ with
Matte-Sn
Pb-Free bar-line indicator
SY100S321JZTR(1, 2)
J28-1
Commercial
SY100S321JZ with
Matte-Sn
Pb-Free bar-line indicator
Notes:
1. Tape and Reel.
2. Pb-Free package is recommended for new designs.
28-Pin PLCC (J28-1)
24-Pin Cerpack (F24-1)
18
17
16
15
14
13
1
2
3
4
5
6
7
24
8
23
9
22
10
21
11
20
12
19
Top View
Flatpack
F24-1
D1
D3
D2
VCCA
O3
O2
D5
D4
VCCA
Q6
Q5
Q4
4
3
2
1
28
27
12
13
14
15
16
17
19
11
20
10
21
9
22
8
23
7
24
6
Top View
PLCC
J28-1
D6
VEE
VCCA
D7
D8
VEES
D9
26
18
25
5
VCCA
VCC
VCC
O9
O7
O8
O1



Html Pages

1 2 3 4 5 6