| データシートサーチシステム |
|
JS-SERIES データシート(PDF) 8 Page - C&K Components |
|
|
|||||||||||||||||||||||||||||
JS-SERIES データシート(HTML) 8 Page - C&K Components |
|
8 / 15 page ![]() I I–57 Dimensions are shown: mm Specifications and dimensions subject to change www.ckswitches.com 22 Sep 22 JS Series Sub-Miniature Slide Switches Part Number JS102011JCQN SPDT Available in tape & reel only VERTICAL MOUNT SMT - J BEND RIGHT ANGLE SURFACE MOUNT Part Number JS202011JAQN DPDT Shown in position Available in tape & reel only 9 3.5 3X 0.6 2.5 2.5 3.5 3.6 2.6 1.5±0.5 3.6 0.8 (GAP BETWEEN TERMINALS) 2 TRAVEL 1.5 2 4 TYP 0.8 TYP 2X 2.5 1 TYP 2X 2.5 2X 0.9 6.8 2X 0.8 2X 0.8 6.8 CIRCUIT DIAGRAM C: COMMON PIN BOTTOM VIEW 5 6 7 1 2 3 C C PCB LAYOUT RECOMMENDED 8,5 2 TRAVEL 1,5 0,5 0,8 TYP 2,5 2,5 7,9 0,5 TYP 1 TYP 2,5 2,5 PCB MOUNT - LAYOUT CIRCUIT DIAGRAM C: COMMON PIN BOTTOM VIEW (1) (2) (3) (1) (2) (3) TERMINAL NO.1 0.2 x 45 CHAMFER 12 C 3 2 3,5 8,5 3,5 1,5 ± 0,1 3 3X 0,5 2,5 2,5 3,2 3X 0,3 1,5 ± 0,1 2 2,5 2,5 3,2 3X ø 0,8 TERMINAL NO. 1 (3) (1) (2) TRAVEL a b (1) (3) C&K (2) PCB LAYOUT RECOMMENDED SCHEMATIC 45˚ X 0,2 CHAMFER |